Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRH20UFS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SRH20UFS
Description  1.5 AMP 2,000 - 3,000 VOLTS ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SRH20UFS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SRH20UFS Datasheet HTML 1Page - Solid States Devices, Inc SRH20UFS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0166A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SRH __ UF __ __
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening2/ __ = None
TX = TX Level
TXV = TXV Level
S = S Level
└ Package
__ = Axial
SMS = Surface Mount Square Tab
└ Recovery Time
UF = Ultra Fast
└ Voltage
20 = 2,000 V
25 = 2,500 V
30 = 3,000 V
SRH20UF thru SRH30UF
Series
1.5 AMP
2,000 - 3,000 VOLTS
ULTRA FAST RECOVERY
HIGH VOLTAGE RECTIFIER
FEATURES:
Ultra Fast Recovery: 90 nsec Maximum
PIV to 3 KV
Hermetically Sealed Axial and Surface Mount Package
Void-Free Ceramic Frit Glass Construction
High Temperature Category I Eutectic Metallurgical Bond
Excellent Thermal Shock Performance
For use in high voltage systems
175°C Maximum Operating Temperature
Smaller-sized Replacement for 1N6512 thru 1N6515 and
1N6520 thru 1N6523 in Many Applications
TX, TXV, and Space Level Screening Available2/
Available in Fast and Hyper Fast Versions. Contact
Factory.
ELECTRICAL CHARACTERISTICS
Part
Number
Peak
Inverse
Voltage
Average
Rectifier
Current
Maximum
Reverse
Current
Maximum
Forward
Voltage
Maximum
Surge
Current
(see note 8)
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Resistance
Symbol
PIV
IO
IR
VF
IFSM
tRR
CJ
RθJE
RθJL
Units
Volts
A
A
Volts
Amps
nsec
pF
°C/W
Conditions
25°C
100°C
25°C
100°C
25°C
25°C
25°C
VR = 100V
fT = 1MHZ
L =
1/8”
SRH20UF
2000
1.5
1.0
0.5
15
6.5
60
90
10
4
8
SRH25UF
2500
1.5
1.0
0.5
15
6.5
60
90
10
4
8
SRH30UF
3000
1.5
1.0
0.5
15
6.5
60
90
10
4
8
1/ For ordering information, price, and availability – Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in a
suitable dielectric material.
4/ IF = IO; Max. forward voltage measured with instantaneous forward pulse of 300µsec
minimum.
5/ Max. Lead/End Tab temp. for soldering is 250°C, 3/8” from case for 5 sec maximum.
6/ Operating and storage temperature: -65°C to +175°C.
7/ Reverse recovery test conditions: IF=0.5A, IR=1.0A, IRR=.25A, TA=25°C.
8/ Surge at 1 ms square pulse. 1 cycle.
Axial
Surface Mount
Square Tab
This device is a replacement for SSDI’s SDH20UF through SDH30UF family of devices.
This device offers superior performance in VF & IR.


Similar Part No. - SRH20UFS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SRH20F SSDI-SRH20F Datasheet
105Kb / 2P
1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SRH20FS SSDI-SRH20FS Datasheet
105Kb / 2P
1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SRH20FSMS SSDI-SRH20FSMS Datasheet
105Kb / 2P
1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SRH20FSMSS SSDI-SRH20FSMSS Datasheet
105Kb / 2P
1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SRH20FSMSTX SSDI-SRH20FSMSTX Datasheet
105Kb / 2P
1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - SRH20UFS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR151 MCC-FR151 Datasheet
80Kb / 3P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
SDH60UF ETC1-SDH60UF Datasheet
56Kb / 2P
1-1.5 AMPS 2000-6000 VOLTS ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SDH20UF SSDI-SDH20UF Datasheet
45Kb / 2P
1-1.5 AMPS 2000-6000 VOLTS ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDH20UF SSDI-SDH20UF_1 Datasheet
88Kb / 2P
1-1.5 AMP 2000-6000 VOLTS ULTRA FAST RECOVERY RECTIFIER
logo
Daya Electric Group Co....
FR151 DAYA-FR151 Datasheet
83Kb / 3P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR151 MCC-FR151_11 Datasheet
747Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR151S MCC-FR151S Datasheet
232Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Solid States Devices, I...
SRH20F SSDI-SRH20F Datasheet
105Kb / 2P
1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SRH20HF SSDI-SRH20HF Datasheet
100Kb / 2P
1.5 AMP 2,000 - 3,000 VOLTS HYPER FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Micro Commercial Compon...
FR151S MCC-FR151S_13 Datasheet
264Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com