Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

226TLS050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 226TLS050M
Description  Low Leakage current 2000 hours
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226TLS050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  226TLS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 226TLS050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size - High voltage - General purpose
APPLICATIONS
Inverters – DC link – AC/DC motor controls – Solar inverters
Operating
Temperature Range
-40°C to +85°C
Capacitance
Tolerance
+20% at 120 Hz, 20°C
WVDC
10
16
25
35
50
Surge
Voltage
SVDC
13
20
32
44
63
WVDC
10
16
25
35
50
Dissipation
Factor
Tan
δ
.2
.16
.14
.12
.1
2 Minutes
Leakage Current
.002CV or 0.4uA,
Whichever is greater
WVDC
10
16
25
35
50
-25°C to
+20°C
3
2
2
2
2
Low
Temperature
Stability
Impedance
Ratio
(120 Hz)
-40°C to
+20°C
8
6
4
3
3
2000 hours at 105°C with rated WVDC and ripple current applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
Load Life
Leakage Current
>100% of maximum specified value
1000 hours at 105°C with no voltage applied
Capacitance Change
<20% initial measured value
Dissipation Factor
<200% of maximum specified value
Shelf Life
Leakage Current
>100% of maximum specified value
Capacitance
Frequency (Hz)
Temperature (°C)
uF
50
120
400
1k
10k
50k
+85
+70
+60
+30
C<10
.8
1.0
1.3
1.45
1.65
1.7
1.0
1.3
1.5
1.8
Ripple Current
Multipliers
10<C<100
.8
1.0
1.23
1.36
1.48
1.53
1.0
1.3
1.5
1.8
D
5
6.3
8
d
0.5
0.5
0.6
B
0.5
0.5
0.5
L1=L+1.0mm Max.
mm
D1=D+B Max.


Similar Part No. - 226TLS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226TLS050M ILLINOISCAPACITOR-226TLS050M Datasheet
89Kb / 3P
85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
226TLS050M ILLINOISCAPACITOR-226TLS050M Datasheet
187Kb / 2P
85C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 226TLS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
Low Impedance 2000 hours
474BPS050M ILLINOISCAPACITOR-474BPS050M_16 Datasheet
231Kb / 2P
Bi-Polar, 2000 hours
105SAK050M ILLINOISCAPACITOR-105SAK050M_16 Datasheet
242Kb / 2P
Low Profile, 2000 hours
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
Extended Life, 2000 hours
logo
United Chemi-Con, Inc.
EMVJ6R3ADA CHEMI-CON-EMVJ6R3ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
EMVJ100ADA CHEMI-CON-EMVJ100ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
EMVJ350ADA CHEMI-CON-EMVJ350ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
EMVJ160ADA CHEMI-CON-EMVJ160ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
EMVJ500ADA CHEMI-CON-EMVJ500ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com