Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8FGG5 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8FGG5
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8FGG5 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP8FGG5 Datasheet HTML 1Page - National Semiconductor (TI) COP8FGG5 Datasheet HTML 2Page - National Semiconductor (TI) COP8FGG5 Datasheet HTML 3Page - National Semiconductor (TI) COP8FGG5 Datasheet HTML 4Page - National Semiconductor (TI) COP8FGG5 Datasheet HTML 5Page - National Semiconductor (TI) COP8FGG5 Datasheet HTML 6Page - National Semiconductor (TI) COP8FGG5 Datasheet HTML 7Page - National Semiconductor (TI) COP8FGG5 Datasheet HTML 8Page - National Semiconductor (TI) COP8FGG5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
I/O Features
n Software selectable I/O options (TRI-STATE®
Output,Push-Pull Output, Weak Pull-Up Input, and High
Impedance Input)
n Schmitt trigger inputs on ports G and L
n Eight high current outputs
n Packages: 28 SO with 24 I/O pins, 40 DIP with 36 I/O
pins, 44 PLCC and PQFP with 40 I/O pins
Fully Static CMOS Design
n Low current drain (typically < 4 µA)
n Two power saving modes: HALT and IDLE
Temperature Range
n −40˚C to +85˚C
Development Support
n Windowed packages for DIP and PLCC
n Real time emulation and full program debug offered by
MetaLink Development System
Block Diagram
DS101116-44
FIGURE 1. COP8FGx Block Diagram
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com