Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101MPV Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC7101MPV
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7101MPV Datasheet(HTML) 2 Page - Motorola, Inc

  MAC7101MPV Datasheet HTML 1Page - Motorola, Inc MAC7101MPV Datasheet HTML 2Page - Motorola, Inc MAC7101MPV Datasheet HTML 3Page - Motorola, Inc MAC7101MPV Datasheet HTML 4Page - Motorola, Inc MAC7101MPV Datasheet HTML 5Page - Motorola, Inc MAC7101MPV Datasheet HTML 6Page - Motorola, Inc MAC7101MPV Datasheet HTML 7Page - Motorola, Inc MAC7101MPV Datasheet HTML 8Page - Motorola, Inc MAC7101MPV Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Ordering Information
MAC7111 and MAC7131 also offer a 16-bit wide external data bus with 22 address lines. The family of
devices is capable of operating over a junction temperature range of -40° C to 150° C.
Table 1 provides a comparison of members of the MAC7100 Family and the availability of peripheral
modules on the various devices.
2
Ordering Information
Figure 1. Order Part Number Example
Table 1. MAC7100 Family Device Derivatives
Module Options
MAC7101
MAC7111
MAC7121
MAC7131
MAC7141
Program Flash
512Kbytes
512Kbytes
512Kbytes
512Kbytes
512Kbytes
Data Flash
32Kbytes
32Kbytes
32Kbytes
32Kbytes
32Kbytes
SRAM
32Kbytes
32Kbytes
32Kbytes
32Kbytes
32Kbytes
External Bus
No
Yes
No
Yes
No
ATD Modules
2
1
1
2
1
CAN Modules
4
4
4
4
2
eSCI Modules
4
4
4
4
2
DSPI Modules
2
2
2
2
2
I2C Modules
1
1
1
1
1
eMIOS Module
16 channels,
16-bit
16 channels,
16-bit
16 channels,
16-bit
16 channels,
16-bit
16 channels,
16-bit
Timer Module
10 channels,
24-bit
10 channels,
24-bit
10 channels,
24-bit
10 channels,
24-bit
10 channels,
24-bit
GPIO Pins (max.)
111
111
84
127
71
Package
144 LQFP
144 LQFP
112 LQFP
208 MAP BGA
100 LQFP
M AC 7 1 0 1 C PV 50 xx
MC Status
Core Code
Core Number
Generation / Family
Package Option
Device Number
Temperature Range
Package Identifier
Speed (MHz)
Optional Package Identifiers
Temperature Option
C = –40° C to 85° C
V = –40° C to 105° C
M = –40° C to 125° C
Package Option
FU = 100 QFP
PV = 112 / 144 LQFP
VF = 208 MAP BGA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com