Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM43455 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # BCM43455
Description  Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43455 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button BCM43455 Datasheet HTML 17Page - Cypress Semiconductor BCM43455 Datasheet HTML 18Page - Cypress Semiconductor BCM43455 Datasheet HTML 19Page - Cypress Semiconductor BCM43455 Datasheet HTML 20Page - Cypress Semiconductor BCM43455 Datasheet HTML 21Page - Cypress Semiconductor BCM43455 Datasheet HTML 22Page - Cypress Semiconductor BCM43455 Datasheet HTML 23Page - Cypress Semiconductor BCM43455 Datasheet HTML 24Page - Cypress Semiconductor BCM43455 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 159 page
background image
Overview
BCM43455 Preliminary Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
November 5, 2015 • 43455-DS109-R
Page 20
Figure 2: BCM43455 Block Diagram
WLAN
BTFM
RX/TX
LCU
BLE
APU
BlueRF
UART
PCM
I2S
USB
GPIO
Timers
WD
Pause
Registers
DMA
JTAG Master
RAM
ROM
ARMCM3
WLAN
Master Slave
FM RX
Modem
BT RF
TCM
RAM 800 KB
ROM 704 KB
AXI2ANB
AHB2AXI
WLAN BT Access
WLAN RAM Sharing
ARMCR4
Chip Common
(OTP)
AXI2APB
PCIE
SDIOD
DOT11MAC (D11)
GCI Coex I/F
1×1 IEEE 802.11ac PHY (Rev. 4)
Shared LNA
Control and Other
Coex I/F
2.4 GHz/5 GHz
TINY Radio
WL_HOST_WAKE
UART
WL_DEV_WKAE
JTAG
Other GPIOs
SDIO 3.0
PCIE
RF
Switch
Controls
XTAL
FM Analog
Audio
32 kHz
External
LPO
BT_HOST_WAKE
BT_DEV_WAKE
UART
USB 1.1
PCM
I2S
Other GPIOs
PMU
VBAT
WL_REG_ON
BT_REG_ON
GCI
SECI UART and GCI GPIOs
BT PA
CLB
Shared
2.4 LNA
2.4 GHz
PA
WLAN:
5 GHz: iPA, iLNA, eLG, eTR
2 GHz: iPA, iLNA, eLG, iTR
BT:
Shared LNA, iTR
eTR
5 GHz
PA
LNA
Diplexer
LNA
5 GHz
PA Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com