Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B160R Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB9B160R
Description  32-Bit ARM짰 Cortex짰-M4F FM4 Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B160R Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB9B160R Datasheet HTML 1Page - Cypress Semiconductor MB9B160R Datasheet HTML 2Page - Cypress Semiconductor MB9B160R Datasheet HTML 3Page - Cypress Semiconductor MB9B160R Datasheet HTML 4Page - Cypress Semiconductor MB9B160R Datasheet HTML 5Page - Cypress Semiconductor MB9B160R Datasheet HTML 6Page - Cypress Semiconductor MB9B160R Datasheet HTML 7Page - Cypress Semiconductor MB9B160R Datasheet HTML 8Page - Cypress Semiconductor MB9B160R Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 158 page
background image
Document Number: 002-04918 Rev.*A
Page 2 of 158
MB9B160R Series
[UART]
Full-duplex double buffer
Selection with or without parity supported
Built-in dedicated baud rate generator
External clock available as a serial clock
Hardware Flow control : Automatically control the
transmission by CTS/RTS (only ch.4)
Various error detect functions available (parity errors, framing
errors, and overrun errors)
[CSIO]
Full-duplex double buffer
Built-in dedicated baud rate generator
Overrun error detect function available
Serial chip select function (ch.6 and ch.7 only)
Supports high-speed SPI (ch.4 and ch.6 only)
Data length 5 to 16-bit
[LIN]
LIN protocol Rev.2.1 supported
Full-duplex double buffer
Master/Slave mode supported
LIN break field generation (can change to 13 to 16-bit length)
LIN break delimiter generation (can change to 1 to 4-bit
length)
Various error detect functions available (parity errors, framing
errors, and overrun errors)
[I
2C]
Standard mode (Max 100 kbps) / High-speed mode (Max
400 kbps) supported
Fast mode Plus (Fm+) (Max 1000 kbps, only for ch.3 = ch.A
and ch.7 = ch.B) supported
DMA Controller (8 channels)
DMA Controller has an independent bus for CPU, so CPU and
DMA Controller can process simultaneously.
8 independently configured and operated channels
Transfer can be started by software or request from the
built-in peripherals
Transfer address area: 32-bit (4 Gbytes)
Transfer mode: Block transfer/Burst transfer/Demand
transfer
Transfer data type: bytes/half-word/word
Transfer block count: 1 to 16
Number of transfers: 1 to 65536
DSTC (Descriptor System data Transfer Controller)
(128 channels)
The DSTC can transfer data at high-speed without going via
the CPU. The DSTC adopts the Descriptor system and,
following the specified contents of the Descriptor which has
already been constructed on the memory, can access directly
the memory /peripheral device and performs the data transfer
operation.
It supports the software activation, the hardware activation and
the chain activation functions.
A/D Converter (Max 24 channels)
[12-bit A/D Converter]
Successive Approximation type
Built-in 3 units
Conversion time: 0.5μs @ 5V
Priority conversion available (priority at 2levels)
Scanning conversion mode
Built-in FIFO for conversion data storage (for SCAN
conversion: 16steps, for Priority conversion: 4steps)
DA converter (Max 2 channels)
R-2R type
12-bit resolution
Base Timer (Max 8 channels)
Operation mode is selectable from the followings for each
channel.
16-bit PWM timer
16-bit PPG timer
16/32-bit reload timer
16/32-bit PWC timer
General Purpose I/O Port
This series can use its pins as general purpose I/O ports when
they are not used for external bus or peripherals. Moreover, the
port relocate function is built in. It can set which I/O port the
peripheral function can be allocated.
Capable of pull-up control per pin
Capable of reading pin level directly
Built-in the port relocate function
Up to 100 high-speed general-purpose I/O ports @ 120pin
Package
Some pin is 5V tolerant I/O.
See “Pin Description” and “I/O Circuit Type” for the
corresponding pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com