Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6E2C2 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # S6E2C2
Description  32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2C2 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button S6E2C2 Datasheet HTML 35Page - Cypress Semiconductor S6E2C2 Datasheet HTML 36Page - Cypress Semiconductor S6E2C2 Datasheet HTML 37Page - Cypress Semiconductor S6E2C2 Datasheet HTML 38Page - Cypress Semiconductor S6E2C2 Datasheet HTML 39Page - Cypress Semiconductor S6E2C2 Datasheet HTML 40Page - Cypress Semiconductor S6E2C2 Datasheet HTML 41Page - Cypress Semiconductor S6E2C2 Datasheet HTML 42Page - Cypress Semiconductor S6E2C2 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 207 page
background image
Document Number: 002-05030 Rev.*A
Page 39 of 207
S6E2C2 Series
Module
Pin Name
Function
Pin Number
LQQ
216
LQP
176
LQS
144
LBE
192
External
bus
MCLKOUT_0
External bus interface external clock
output pin
32
23
20
G5
MNALE_0
External bus interface ALE signal to
control NAND flash output pin
47
37
32
K2
MNCLE_0
External bus interface CLE signal to
control NAND flash output pin
48
38
33
K3
MNREX_0
External bus interface read enable
signal to control NAND flash
50
40
35
L1
MNWEX_0
External bus interface write enable
signal to control NAND flash
49
39
34
K4
MOEX_0
External bus interface read enable
signal for SRAM
209
169
137
C5
MWEX_0
External bus interface write enable
signal for SRAM
210
170
138
B4
MSDCLK_0
SDRAM interface
SDRAM clock output pin
90
75
-
L9
MSDCKE_0
SDRAM interface
SDRAM clock enable pin
89
74
-
M9
MRASX_0
SDRAM interface
SDRAM column active strobe pin
85
70
-
N8
MCASX_0
SDRAM interface
SDRAM row active strobe pin
86
71
-
M8
MSDWEX_0
SDRAM interface
SDRAM write enable pin
87
72
-
N9
External
interrupt
INT00_0
External interrupt request 00 input pin
2
2
2
B2
INT00_1
38
28
23
H3
INT00_2
19
-
-
-
INT01_0
External interrupt request 01 input pin
7
7
7
D1
INT01_1
41
31
26
H6
INT01_2
51
41
-
L2
INT02_0
External interrupt request 02 input pin
14
13
10
E5
INT02_1
42
32
27
J5
INT02_2
26
-
-
-
INT03_0
External interrupt request 03 input pin
17
16
13
F3
INT03_1
43
33
28
J4
INT03_2
34
24
-
G6
INT04_0
External interrupt request 04 input pin
59
49
41
L4
INT04_1
100
83
67
M11
INT04_2
65
-
-
-
INT05_0
External interrupt request 05 input pin
70
55
47
L5
INT05_1
86
71
-
M8
INT05_2
68
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com