Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP684EG Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP684EG
Description  8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684EG Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button COP684EG Datasheet HTML 45Page - National Semiconductor (TI) COP684EG Datasheet HTML 46Page - National Semiconductor (TI) COP684EG Datasheet HTML 47Page - National Semiconductor (TI) COP684EG Datasheet HTML 48Page - National Semiconductor (TI) COP684EG Datasheet HTML 49Page - National Semiconductor (TI) COP684EG Datasheet HTML 50Page - National Semiconductor (TI) COP684EG Datasheet HTML 51Page - National Semiconductor (TI) COP684EG Datasheet HTML 52Page - National Semiconductor (TI) COP684EG Datasheet HTML 53Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
Development Support (Continued)
•
EWCOP8-M: Full featured ANSI C-Compiler and Embed-
ded Workbench for Windows from IAR (no code limit). A
fully integrated Win32 IDE, ANSI C-Compiler, macro as-
sembler,
editor,
linker,
librarian,
C-Spy
high-level
simulator/debugger, PLUS MetaLink debugger/hardware
interface (CWCOP8-M).
COP8 Productivity Enhancement Tools
•
WCOP8 IDE: Very Low cost IDE (Integrated Develop-
ment Environment) from KKD. Supports COP8C, COP8-
NSASM, COP8-MLSIM, DriveWay COP8, and MetaLink
debugger under a common Windows Project Manage-
ment environment. Code development, debug, and emu-
lation tools can be launched from the project window
framework.
•
DriveWay-COP8: Low cost COP8 Peripherals Code
Generation tool from Aisys Corporation. Automatically
generates tested and documented C or Assembly source
code modules containing I/O drivers and interrupt han-
dlers for each on-chip peripheral. Application specific
code can be inserted for customization using the inte-
grated editor. (Compatible with COP8-NSASM, COP8C,
and WCOP8 IDE.)
•
COP8-UTILS: Free set of COP8 assembly code ex-
amples, device drivers, and utilities to speed up code de-
velopment.
•
COP8-MLSIM: Free Instruction Level Simulator tool for
Windows. For testing and debugging software instruc-
tions only (No I/O or interrupt support).
COP8 Real-Time Emulation Tools
•
COP8-DM: MetaLink Debug Module. A moderately
priced real-time in-circuit emulation tool, with COP8 de-
vice programmer. Includes MetaLink Debugger, power
supply, emulation cables and adapters.
•
IM-COP8: MetaLink iceMASTER®. A full featured, real-
time in-circuit emulator for COP8 devices. Includes
COP8-NSDEV, Driveway COP8 Demo, MetaLink Win-
dows Debugger, and power supply. Package-specific
probes and surface mount adaptors are ordered sepa-
rately.
COP8 Device Programmer Support
•
MetaLink’s EPU and Debug Module include development
device programming capability for COP8 devices.
•
Third-party programmers and automatic handling equip-
ment cover needs from engineering prototype and pilot
production, to full production environments.
•
Factory programming available for high-volume require-
ments.
TOOLS ORDERING NUMBERS FOR THE COP888xG/CS
FAMILY DEVICES
The COP888xG/CS devices are compatible with the
COP8SGx devices, and the SGx tools can be also used for
development.
Vendor
Tools
Order Number
Cost
Notes
National
COP8-NSEVAL
COP8-NSEVAL
Free
Web site download
COP8-NSASM
COP8-NSASM
Free
Included in EPU and DM. Web site download
COP8-MLSIM
COP8-MLSIM
Free
Included in EPU and DM. Web site download
COP8-NSDEV
COP8-NSDEV
VL
Included in EPU and DM. Order CD from website
COP8-EPU
COP8SG-EPU (-1 or -2)
VL
-1 = 110V, -2 = 220V; Included p/s, 40 pin DIP target
cable, manuals, software, 16/20/28/40 DIP OTP
programming socket; add DM target adapter or OTP
adapter (if needed)
COP8-DM
COP8SG-DM (10 MHz)
M
Included p/s, 28/40/44 pin DIP/SO/PLCC target
cables, manuals, software, 16/20/28/40 DIP/SO and
44 PLCC programming socket; add OTP adapter or
target adapter (if needed)
DM Target
Adapters
DM-COP8/28D-SO
VL
28 pin DIP to SO converter
DM-COP8/44P-44Q
L
44 pin PLCC to 44 QFP converter
Development
Devices
COP8FGx7 (15 MHz)
COP8SGx7 (10 MHz)
VL
8k or 32k Eraseable or OTP devices
OTP
Programming
Adapters
COP8SA-PGMA
L
For programming 28 SOIC and 44 PLCC on the EPU
COP8-PGMA-44QFP
L
For programming 44 QFP on any programmer
COP8-PGMA-28SO
VL
For programming 16/20/28 SOIC on any programmer
IM-COP8
Call MetaLink
www.national.com
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com