Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9080 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 9Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 10Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 11Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 12Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 13Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 14Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 15Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 192 page
background image
SECTION 1
PCI 9080
GENERAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 3
Version 1.02
1.2 MAJOR FEATURES
PCI 2.1 Compliant. PCI 9080 is compliant with all
aspects of PCI specification v2.1.
I2O Messaging Unit. PCI 9080 incorporates an I2O
messaging unit. This enables the adapter or embedded
system
to
communicate
with
other
I2O-supported
devices. I2O messaging unit is fully compatible with the
PCI extension of the I2O specification v1.5.
Dual Independent Programmable DMA Controllers
with Programmable FIFOs. PCI 9080 provides two
independently
programmable
DMA
controllers
with
programmable FIFOs for each channel. Each channel
supports
nonchaining
and
chaining
DMA
modes,
demand mode DMA, and End of Transfer (EOT) mode.
Direct Bus Master. PCI 9080 supports memory-mapped
bursts, transfer accesses, and I/O-mapped single-
transfer accesses to the PCI bus from the Local Bus
Master. PCI 9080 also supports PCI bus interlock
(LOCK#) cycles. Read and write FIFOs enable high-
performance bursting.
PCI Host Capability. In direct master mode, PCI 9080
can generate Type 0 or Type 1 PCI configuration cycles.
Direct Slave. PCI 9080 supports burst memory mapped
and single I/O-mapped accesses to the local bus. Read
and write FIFOs enable high-performance bursting.
Programmable Local Bus Modes. PCI 9080 is a PCI
bus master interface chip that connects a PCI bus to one
of three local bus types, selected through mode pins.
PCI 9080 may be connected to any local bus with a
similar design with little or no glue logic. Table 1-1 lists
the three modes.
Table 1-1. Programmable Local Bus Modes
Mode
Description
C
32-bit address/32-bit data, nonmultiplexed
J
32-bit address/32-bit data, multiplexed
S
32-bit address/16-bit data, multiplexed
Interrupt Generator. PCI 9080 can generate PCI and
local interrupts from several sources.
Clock. PCI 9080 local bus interface runs from a local
TTL clock and generates the necessary internal clocks.
This clock runs asynchronously to the PCI clock. There
is a buffered PCI clock (BPCLKo) for the local side to
use. BPCLKo may be connected to LCLK.
3.3 Volt and 5 Volt Operation. PCI 9080 core requires
5 V VCC. PCI 9080 provides 3.3 or 5 volt signaling on
the PCI bus. The local bus operates at a 5V signaling
level.
Serial EEPROM Interface. PCI 9080 contains an
optional serial EEPROM interface that can be used to
load configuration information. This is useful for loading
information that is unique to a particular adapter (such
as Network ID or Vendor ID).
Mailbox Registers. PCI 9080 contains eight 32 bit
mailbox registers that may be accessed from the PCI or
local bus.
Doorbell Registers. PCI 9080 includes two 32 bit
doorbell registers. One generates interrupts from the PCI
bus to local bus. The other generates interrupts from the
local bus to the PCI bus.
Unaligned DMA Transfer Support. PCI 9080 can
transfer data on any byte boundary.
Big/Little Endian Conversion. PCI 9080 supports
dynamic switching between Big Endian and Little Endian
operations for Direct Slave, Direct Master, DMA, and the
internal register accesses on the local side.
PCI 9080 supports on-the-fly Endian conversion for
Space 0, Space 1, and expansion ROM space. The local
bus can be Big/Little Endian by using the BIGEND# input
pin or programmable internal register configuration.
When BIGEND# is asserted, it overwrites the internal
register configuration.
Note:
PCI bus is always Little Endian.
Read Ahead Mode. PCI 9080 supports read ahead
mode, where prefetched data can be read from the PCI
9080 internal FIFO instead of the local side. Address
must be subsequent to previous address and 32-bit
aligned (next address = current address + 4).
Programmable Bus Wait States. PCI 9080 can be
programmed to keep the PCI bus by generating a wait
state(s), de-asserting TRDY#, if write FIFO becomes full.
PCI 9080 can also be programmed to keep the local
bus. LHOLD is asserted, if Direct Slave Write FIFO
becomes empty or Direct Slave Read FIFO becomes
full. The local bus is dropped in either case when Local
Bus Latency Timer is enabled and expires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com