Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC616C Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC616C
Description  Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC616C Datasheet(HTML) 3 Page - Sharp Corporation

  PC616C Datasheet HTML 1Page - Sharp Corporation PC616C Datasheet HTML 2Page - Sharp Corporation PC616C Datasheet HTML 3Page - Sharp Corporation PC616C Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC816 Series
o
100
Ambient temperature
Fig.
4 Forward
Forward
500
I
I
1
,
1
u
0
0.5
1.0
1.5 2.0
2.5
voltage
60
30
10
0
012345678
9
Collector-emitter voltage
(V)
3 Paak
Currant
Duty
2
51 0
] 2
Forward Currant
I
—
1
1
1
I
I
I I
I
0
2
,
10
20
Ambient temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com