Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08M2001FF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 08M2001FF
Description  NTC Thermistors, Radial Leaded and Coated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

08M2001FF Datasheet(HTML) 1 Page - Vishay Siliconix

  08M2001FF Datasheet HTML 1Page - Vishay Siliconix 08M2001FF Datasheet HTML 2Page - Vishay Siliconix 08M2001FF Datasheet HTML 3Page - Vishay Siliconix 08M2001FF Datasheet HTML 4Page - Vishay Siliconix 08M2001FF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T, M, C
www.vishay.com
Vishay Dale
Revision: 24-Sep-15
1
Document Number: 33003
For technical questions, contact: thermistor1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Radial Leaded and Coated
FEATURES
• Small size - conformally coated
• Wide resistance range
• Available in 7 different R-T curves
• Available in point matched tolerances down to
1 % and curve tracking precision down to
± 0.2 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Temperature
measurement,
sensing
and
control
in
industrial,
consumer
and
telecom
applications.
For
on-board sensing or for accurate remote sensing in metal
probes or housings.
DESCRIPTION
Models T, M, and C are conformally coated, leaded
thermistors. The coating is baked-on phenolic for durability
and long-term stability. Models M and C have tinned solid
copper leads. Model T has solid nickel wires with Teflon®
insulation.
DESIGN-IN SUPPORT
For complete Curve Computation, visit:
www.vishay.com/thermistors/curve-computation-list/
Note
(1) For information only, dissipation factor, response time, and thermal time constant are wire type and product size dependent.
Note
• Most popular and available values, intermediate resistance values and tolerances available on request.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
30 to 1M
Ω
Tolerance on
R25-value
(point matched)
± 1, ± 5, ± 10
%
Temperature accuracy
(curve tracking)
± 0.2, ± 0.5, ± 1
°C
B25/75 -value
3477 to 4842
K
B25/85 -value
3468 to 4875
K
Maximum dissipation
50 to 100
mW
Dissipation factor
δ
(for information only)
2 to 3.5
mW/K
Thermal time constant
τ
(for information only)
6 to 14
s
Response time (oil)
(for information only)
1.3
s
Operating temperature range
at zero power (short term)
-40 to +125 (150)
°C
Weight
≈ 0.075 to 0.15
g
T, M, C PRODUCT DATA AND R25 RESISTANCE RANGE AVAILABILITY
CURVE
B25/75
(K)
B25/85
(K)
TCR25
(%/K)
T
(k
Ω)
M
(k
Ω)
C
(k
Ω)
R25 ± TOL.
AVAILABILITY
2
3477
3486
-3.84
0.03 to 3.3
1, 5, 10
9
3679
3694
-4.03
10 to 56
1, 5, 10
8
3925
3943
-4.30
20 to 220
1, 5, 10
1
3964
3974
-4.39
0.2 to 18
1, 5, 10
4
4247
4262
-4.67
10 to 100
1, 5, 10
7
4437
4461
-4.83
10 to 270
1, 5, 10
12
4842
4875
-5.23
47 to 1000
1, 5, 10
Maximum dissipation at 25 °C in mW
50
75
100
Dissipation factor in mW/K (1)
2.0
2.5
3.0
Response time in s (1)
1.3
1.2
1.4
Thermal time constant in s (1)
14
10
6
STANDARD RESISTANCE VALUES at 25 °C in Ω
33
82
270
680
2.2K
5.6K
18K
50K
150K
500K
39
100
330
820
2.7K
6.8K
22K
56K
220K
560K
47
120
390
1K
3.3K
8.2K
27K
68K
270K
680K
50
150
470
1.2K
3.9K
10K
33K
82K
330K
820K
56
180
500
1.5K
4.7K
12K
39K
100K
390K
1M
68
220
560
1.8K
5.0K
15K
47K
120K
470K


Similar Part No. - 08M2001FF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
08M2001FF VISHAY-08M2001FF Datasheet
96Kb / 5P
NTC Thermistors, Radial Leaded and Coateds
08-Apr-2021
08M2001FF VISHAY-08M2001FF Datasheet
96Kb / 5P
NTC Thermistors, Radial Leaded and Coateds
08-Apr-2021
More results

Similar Description - 08M2001FF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
01C1002FP VISHAY-01C1002FP Datasheet
101Kb / 5P
NTC Thermistors, Radial Leaded and Coated
12-Nov-09
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
24-Aug-12
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
18-May-11
NTCLE100E3153JB0 VISHAY-NTCLE100E3153JB0 Datasheet
196Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
24-Aug-12
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
24-Aug-12
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
22-Dec-16
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
NTC Thermistors, Radial Leaded, Accuracy Line
26-Jun-17
TMC VISHAY-TMC_V01 Datasheet
96Kb / 5P
NTC Thermistors, Radial Leaded and Coateds
08-Apr-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com