Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08C2001KF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 08C2001KF
Description  NTC Thermistors, Radial Leaded and Coated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

08C2001KF Datasheet(HTML) 3 Page - Vishay Siliconix

  08C2001KF Datasheet HTML 1Page - Vishay Siliconix 08C2001KF Datasheet HTML 2Page - Vishay Siliconix 08C2001KF Datasheet HTML 3Page - Vishay Siliconix 08C2001KF Datasheet HTML 4Page - Vishay Siliconix 08C2001KF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T, M, C
www.vishay.com
Vishay Dale
Revision: 24-Sep-15
3
Document Number: 33003
For technical questions, contact: thermistor1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TOLERANCES AVAILABLE FOR TYPE T, M, AND C THERMISTORS
DESCRIPTION OF THERMISTOR TOLERANCES
The many applications of thermistors have mandated the need for two basic tolerance schemes for these products - curve
tracking and point match thermistors. An example of the resistance tolerance at various temperatures for the two different
tolerancing methods is described in the following graph:
Fig. 1
CURVE TRACKING TOLERANCE
Thermistors are calibrated at the high temperature of the curve track range and then final tested at the low temperature of
the curve track range. This ensures that the thermistor will meet the specified temperature accuracy at every temperature
within
the desired temperature range. Several temperature ranges are available and the accuracy of the thermistor may be
± 0.2 °C, ± 0.5 °C, and ± 1.0 °C. The curve tracking temperature ranges and their code designators are shown in figure 1 and
“Standard Electrical Specifications for Curve Tracking Thermistors” table.
To specify, add the appropriate suffix from the following table to the part number.
Example: 01M1002SFB3 = curve 1, 10 k
Ω at +25 °C, curve tracking to ± 0.5 °C from 0 °C to +70 °C
STANDARD ELECTRICAL SPECIFICATIONS FOR CURVE TRACKING THERMISTORS
TEMPERATURE
RANGE FOR
SPECIFIED
ACCURACY
0 °C to +70 °C
-20 °C to +50 °C
0 °C to +100 °C
25 °C to +90 °C
0 °C to +50 °C
ACCURACY
± 1 °C ± 0.5 °C ± 0.2 °C ± 1 °C ± 0.5 °C ± 0.2 °C ± 1 °C ± 0.5 °C ± 0.2 °C ± 1 °C ± 0.5 °C ± 0.2 °C ± 1 °C ± 0.5 °C ± 0.2 °C
PART NO.
SUFFIX
- A3
- B3
- C3
- A2
- B2
- C2
- A4
- B4
- C4
- A5
- B5
- C5
- A8
- B8
- C8
01
XX
XXX
XXXn/a
XX
XXX
X
04
XX
XXX
XXXn/a
XX
XXX
X
08
XX
XXX
XXXn/a
XX
XXX
X
09
XX
XXX
XXXn/a
XX
XXX
X
TEMPERATURE (°C)
± 5 % POINT MATCH CURVE
± 1 °C CURVE TRACK CURVE
25 °C
10
9
8
7
6
5
4
3
2
1
0
A5
A4
A2
A8
A3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com