Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8FGR5 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8FGR5
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8FGR5 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button COP8FGR5 Datasheet HTML 15Page - National Semiconductor (TI) COP8FGR5 Datasheet HTML 16Page - National Semiconductor (TI) COP8FGR5 Datasheet HTML 17Page - National Semiconductor (TI) COP8FGR5 Datasheet HTML 18Page - National Semiconductor (TI) COP8FGR5 Datasheet HTML 19Page - National Semiconductor (TI) COP8FGR5 Datasheet HTML 20Page - National Semiconductor (TI) COP8FGR5 Datasheet HTML 21Page - National Semiconductor (TI) COP8FGR5 Datasheet HTML 22Page - National Semiconductor (TI) COP8FGR5 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
6.0 Timers (Continued)
•
Timing the width of the internal power-on-reset
The IDLE Timer T0 can generate an interrupt when the
twelfth bit toggles. This toggle is latched into the T0PND
pending flag, and will occur every 2.731 ms at the maximum
clock frequency (t
C = 0.67 µs). A control flag T0EN allows the
interrupt from the twelfth bit of Timer T0 to be enabled or dis-
abled. Setting T0EN will enable the interrupt, while resetting
it will disable the interrupt.
6.2 TIMER T1, TIMER T2 and TIMER T3
Each device have a set of three powerful timer/counter
blocks, T1, T2 and T3. Since T1, T2, and T3 are identical, all
comments are equally applicable to any of the three timer
blocks which will be referred to as Tx.
Each timer block consists of a 16-bit timer, Tx, and two sup-
porting 16-bit autoreload/capture registers, RxA and RxB.
Each timer block has two pins associated with it, TxA and
TxB. The pin TxA supports I/O required by the timer block,
while the pin TxB is an input to the timer block. The timer
block has three operating modes: Processor Independent
PWM mode, External Event Counter mode, and Input Cap-
ture mode.
The control bits TxC3, TxC2, and TxC1 allow selection of the
different modes of operation.
6.2.1 Mode 1. Processor Independent PWM Mode
One of the timer’s operating modes is the Processor Inde-
pendent PWM mode. In this mode, the timer generates a
“Processor Independent” PWM signal because once the
timer is setup, no more action is required from the CPU
which translates to less software overhead and greater
throughput. The user software services the timer block only
when the PWM parameters require updating. This capability
is provided by the fact that the timer has two separate 16-bit
reload registers. One of the reload registers contains the
“ON” timer while the other holds the “OFF” time. By contrast,
a microcontroller that has only a single reload register re-
quires an additional software to update the reload value (al-
ternate between the on-time/off-time).
The timer can generate the PWM output with the width and
duty cycle controlled by the values stored in the reload reg-
isters. The reload registers control the countdown values
and the reload values are automatically written into the timer
when it counts down through 0, generating interrupt on each
reload. Under software control and with minimal overhead,
the PMW outputs are useful in controlling motors, triacs, the
intensity of displays, and in providing inputs for data acquisi-
tion and sine wave generators.
In this mode, the timer Tx counts down at a fixed rate of t
C.
Upon every underflow the timer is alternately reloaded with
the contents of supporting registers, RxA and RxB. The very
first underflow of the timer causes the timer to reload from
the register RxA. Subsequent underflows cause the timer to
be reloaded from the registers alternately beginning with the
register RxB.
Figure 16 shows a block diagram of the timer in PWM mode.
The underflows can be programmed to toggle the TxA output
pin. The underflows can also be programmed to generate in-
terrupts.
Underflows from the timer are alternately latched into two
pending flags, TxPNDA and TxPNDB. The user must reset
these pending flags under software control. Two control en-
able flags, TxENA and TxENB, allow the interrupts from the
timer underflow to be enabled or disabled. Setting the timer
enable flag TxENA will cause an interrupt when a timer un-
derflow causes the RxA register to be reloaded into the timer.
Setting the timer enable flag TxENB will cause an interrupt
when a timer underflow causes the RxB register to be re-
loaded into the timer. Resetting the timer enable flags will
disable the associated interrupts.
Either or both of the timer underflow interrupts may be en-
abled. This gives the user the flexibility of interrupting once
per PWM period on either the rising or falling edge of the
PWM output. Alternatively, the user may choose to interrupt
on both edges of the PWM output.
6.2.2 Mode 2. External Event Counter Mode
This mode is quite similar to the processor independent
PWM mode described above. The main difference is that the
timer, Tx, is clocked by the input signal from the TxA pin. The
Tx timer control bits, TxC3, TxC2 and TxC1 allow the timer to
be clocked either on a positive or negative edge from the
TxA pin. Underflows from the timer are latched into the TxP-
NDA pending flag. Setting the TxENA control flag will cause
an interrupt when the timer underflows.
DS101116-46
FIGURE 16. Timer in PWM Mode
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com