Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT3807 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI49FCT3807
Description  3.3V Fast CMOS Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3807 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI49FCT3807 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3807 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3807 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3807 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3807 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3807 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3807 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS7010D
09/08/04
3.3V Fast CMOS Clock Driver
Description
Pericom Semiconductor’s PI49FCT3807 is a 3.3V 1-to-10 clock
driver.Thislowskewclockdriverfeaturesoneinputandtenoutputs
fanout. The large fanout from a single input line reduces loading
on input clock. TTL level ouputs reduce noise levels on the part.
Typical applications are clock and signal distribution.
Pin Configuration
Pin Description
Pin Name
Description
A
Input
B0 - B9
Outputs
GND
Ground
VCC
Power
Block Diagram
PI49FCT3807
Features
• 3.3V version of PI49FCT807
• Ultra low skew: 0.35ns
• Low Input Capacitance
• Minimum duty cycle distortion
• 1:10 fanout
• High speed: 3.5ns propagation
• TTL input and CMOS output compatible
– VOH = 3.3V (typical)
– VOH = 0.3V (typical)
• Industrial operation at –40°C to 85°C
• Packaging (Pb-free & Green available):
– 20-pin 300-mil wide SOIC (S)
– 20-pin 150-mil wide QSOP (Q)
– 20-pin 209mil wide SSOP (H)
1
2
3
VCC 4
B1
5
B0
6
B2
7
VCC
8
GND
9
GND
10
VCC
B8
GND
VCC
B6
GND
B5
20
B4
19
18
17
16
15
14
13
12
11
A
GND
B3
B7
B9
B0
A
B1
B2
B3
B4
B5
B6
B7
B8
B9


Similar Part No. - PI49FCT3807

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3807AHE PERICOM-PI49FCT3807AHE Datasheet
788Kb / 9P
3.3V Fast CMOS Clock Driver
PI49FCT3807AHEX PERICOM-PI49FCT3807AHEX Datasheet
527Kb / 8P
3.3V Fast CMOS Clock Driver
PI49FCT3807AQE PERICOM-PI49FCT3807AQE Datasheet
788Kb / 9P
3.3V Fast CMOS Clock Driver
PI49FCT3807AQEX PERICOM-PI49FCT3807AQEX Datasheet
527Kb / 8P
3.3V Fast CMOS Clock Driver
PI49FCT3807ASE PERICOM-PI49FCT3807ASE Datasheet
788Kb / 9P
3.3V Fast CMOS Clock Driver
More results

Similar Description - PI49FCT3807

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
3.3V CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
3.3V CMOS BUFFER/CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
3.3V CMOS Buffer Clock Driver
logo
Pericom Semiconductor C...
PI49FCT3807DQEX PERICOM-PI49FCT3807DQEX Datasheet
788Kb / 9P
3.3V Fast CMOS Clock Driver
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
3.3V CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3807 PERICOM-PI49FCT3807_09 Datasheet
527Kb / 8P
3.3V Fast CMOS Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
3.3V Fast CMOS Buffer/Clock Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com