Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM803JS Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # UM803JS
Description  3-Pin Microprocessor Reset Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM803JS Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  UM803JS Datasheet HTML 1Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 2Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 3Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 4Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 5Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 6Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 7Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 8Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
2/11
UM803
Ordering Information
UM8 XX Z P
XX: Output Type
=03
Open-Drain Active Low
Z: Reset Threshold (V)
=L
4.63
=M
4.38
=J
4.00
=T
3.08
=S
2.93
=R
2.63
=Z
2.32
P: Package Type
=S
SOT23-3
=P
SOT323
Typical Operating Circuit
VCC
UM803
GND
RESET
VCC
GND
RESET
INPUT
VCC
μP
Rpullup
Pin Description
Pin
Number
Pin Name
Function
1
GND
Ground
2
RESET
______________
RESET
_____________
Output remains low while VCC is below the reset threshold,
and for at least 140ms after VCC rises above the reset threshold.
3
VCC
+5V, +3.3V, +3V or +2.5V Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com