Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

296XG503C1N Datasheet(PDF) 2 Page - CTS Corporation

Part # 296XG503C1N
Description  Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

296XG503C1N Datasheet(HTML) 2 Page - CTS Corporation

  296XG503C1N Datasheet HTML 1Page - CTS Corporation 296XG503C1N Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RESIST TOL
A – ±10%
B – ±20%
C – ±30%
TERMINAL STYLE
X – PC
U – PC FORMED
TO REAR
H – HOOK
SHAFTS AVAILABLE
(ALL SHAFTS .236"Dia.(6.0mm) except "E" - Diameter is .240" (6 .1mm)
LENGTH BEYOND
COVER
A- .640"(16.3mm)
FLATTED .472"X.177"(12X4.5mm)
Ordering Information
XM 296RE/ HM 296RE Molded Shaft, Shaft Parallel to P.C. Board
UM 296RE Molded Shaft, Shaft Perpendicular to P.C. Board
296
X
B
252
B
2
N
DIMENSION:
TAPER
1 – LINEAR
2 – 10% AUD
3 – 10% CCW AUD
DETENT
N – NO DETENT
C – CENTER DETENT
RESISTANCE CODE
EXAMPLES
CODE RESISTANCE
501
500 OHMS
102
1K
252
2.5K
502
5K
103
10K
253
25K
503
50K
104
100K
H Terminal Style
X Terminal Style
B- .840"(21.3mm)
FLATTED .472"X.177"(12X4.5mm)
C-1.031"(26.2mm)
FLATTED .472"X.177"(12X4.5mm)
D- .540"(13.7mm)
KNURLED .287"X 18T (7.3mmX18T)
E- .265"( 6.7mm)
FLATTED .218"X .204"(5.5X5.2mm)
.071
.071
.394
.492
12.5
13.0
.598
15.2
.512
1.8
.075±.04
1.9±0.1
.118±.04
.161
4.1
3.0±0.1
.118±.04
4.1
.161
1.9±0.1
3.0±0.1
.075±.04
1.8
.040
±.031
1.00
.248
±0.8
6.3
.248
1.00
.040
6.3
4.0
.148±.002
3.75±0.05
.157
0.9±0.1
.035±.004
Ø1.30
Ø .051 -.000
+.004
-0.00
+0.10
.148±.002
3.75±0.05
10.00
.646
16.4
6.4
.252
.118±.004
3.00±0.10
.083±.004
2.10±0.10
.283±.004
7.20±0.10
.063±.003
1.60±0.08 TYP.(2)
.283±.004
7.20±0.10
2.54
10.00±0.1
.394±.004
.100
.016±.01
0.40±.0.03
8.7
.342
.063±.003
1.60±0.08
1.00
.040
6.4
.252
CENT.
.492
12.5
.148±.002
-.000
+.004
3.75±0.05
.148±.002
Ø1.30 -0.00
Ø.051
+0.10
3.75±0.05
10.00±0.10
.394±.004
.217±.002
.217±.002
5.50±0.05
.106
2.70 -0.00
+.006
-.000
+0.15
5.50±0.05
CENT.
TRIM
2 - 2
© 2009 CTS Corporation. All rights reserved. Information subject to change.
2/06/09
CTS Electrocomponents
www.ctscorp.com
F- .640"(16.3mm)
FLATTED .276"X .177"(7X4.5mm)
G- .717"(18.2mm)
FLATTED .276"X .177"(7X4.5mm)
H-1.035"(26.3mm)
FLATTED .276"X .177"(7X4.5mm)
L
±.031
±0.8
L
DIMENSION AND TOLERANCE UNLESS OTHERWISE SPECIFIED
.X (1 PLACE) :
.XX (2 PLACE) :
ANGLE :
±5°
TYP.(2)
±.031
±0.8
L
TYP.(2)
TYP.(3)
TYP.(3)
Ø 6.00±0.15
Ø.236±.006
±.012
±0.3
±.005
±0.13
Ø 6.00±0.15
Ø.236±.006
TYP.(3)
inch
mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com