Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHS008C Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # NHS008C
Description  INTELLIGENT POWER DEVICE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHS008C Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button NHS008C Datasheet HTML 33Page - Renesas Technology Corp NHS008C Datasheet HTML 34Page - Renesas Technology Corp NHS008C Datasheet HTML 35Page - Renesas Technology Corp NHS008C Datasheet HTML 36Page - Renesas Technology Corp NHS008C Datasheet HTML 37Page - Renesas Technology Corp NHS008C Datasheet HTML 38Page - Renesas Technology Corp NHS008C Datasheet HTML 39Page - Renesas Technology Corp NHS008C Datasheet HTML 40Page - Renesas Technology Corp NHS008C Datasheet HTML 41Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
µ
PD166034T1U Datasheet
6. Application example in principle
R07DS1168EJ0200 Rev.2.00
Page 39 of 39
May 22, 2015
6. Application example in principle
RIN, RSEN, RAN values are in range of 2k to 50kΩ depending microcontroller while R_L value is typically 4kΩ.
If necessary to raise HBM tolerated dose, adding resister between OUT terminal and Ground is effective. Resister’s
value is typically 100kΩ
GND Network recommendation
RGND
Vbat
VCC
GND
VCC
GND
Vbat
In case of V_loaddump < 35V
In case of 35V < V_loaddump < 42V
No external component is required.
External resistor is recommended in order to
limit the current through ZDAZ at load dump
condition. 100Ω is recommended as RGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com