Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS324ESA Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PS324ESA
Description  Precision, Single-Supply SPST Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS324ESA Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PS324ESA Datasheet HTML 1Page - Pericom Semiconductor Corporation PS324ESA Datasheet HTML 2Page - Pericom Semiconductor Corporation PS324ESA Datasheet HTML 3Page - Pericom Semiconductor Corporation PS324ESA Datasheet HTML 4Page - Pericom Semiconductor Corporation PS324ESA Datasheet HTML 5Page - Pericom Semiconductor Corporation PS324ESA Datasheet HTML 6Page - Pericom Semiconductor Corporation PS324ESA Datasheet HTML 7Page - Pericom Semiconductor Corporation PS324ESA Datasheet HTML 8Page - Pericom Semiconductor Corporation PS324ESA Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
2
PS8188C
10/24/02
PS323/PS324/PS325
Precision, Single Supply SPST Analog Switches
Absolute Maximum Ratings
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not
implied.
Electrical Specifications - Single +5V Supply
(V+ = 5V +10%, GND = 0V, VINH = 2.4V, VINL= 0.8V)
ThermalInformation
Continuous Power Dissipation
Plastic DIP (derate 6mW/ ºC above +70ºC) ...................... 500mW
Narrow SO (derate 6mW/ ºC above +70ºC) ...................... 450mW
MSOP (derate 4mW/ ºC above +70ºC) ............................ 330mW
Storage Temperature ........................................ –65ºC to +150ºC
Lead Temperature (soldering, 10s) .................................. +300ºC
Note 1: Signals on NC, NO, COM, or IN exceeding V+ or GND
are clamped by internal diodes. Limit forward diode current to
30mAmaximum.
Voltages Referenced to GND .......................................................
V+ ........................................................................... -0.3Vto+17V
VIN,VCOM,VNC,VNO(1) ................................................ –2V to (V+)+2V
or 30mA, whichever occurs first
Current (any terminal) ........................................................ 30mA
Peak Current, COM, NO, NC
(pulsed at 1ms, 10% duty cycle) ....................................... 100mA
ESD per Method 3015.7 ................................................... >2000V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
0+
VV
e
c
n
a
t
s
i
s
e
R
-
n
OR N
O
,
V
5
.
4
=
+
V
V O
N
V
r
o
C
N
V
5
.
3
+
=
I
M
O
C
,
A
m
1
=
5
20
25
3
m
h
o
ll
u
F0
30
6
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
n
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
R N
O
V O
N
V
r
o
C
N
,
V
3
+
=
I
M
O
C
,
A
m
1
=
,
V
5
=
+
V
5
28
.
02
ll
u
F4
s
s
e
n
t
a
l
F
e
c
n
a
t
a
s
i
s
e
R
-
n
O
)
5
(
R
)
N
O
(
T
A
L
F
,
V
5
=
+
V
I
M
O
C
,
A
m
1
=
V O
N
V
r
o
C
N
V
3
,
V
2
,
V
1
=
5
22
6
ll
u
F8
e
g
a
k
a
e
L
f
f
O
C
N
r
o
O
N
)
6
(
t
n
e
r
r
u
C
I
(
O
N)
F
F
O
r
o
I
)
F
F
O
(
C
N
,
V
5
.
5
=
+
V
V
M
O
C
,
V
1
=
V O
N
V
r
o
C
N
V
5
.
4
=
5
21
.
0
–1
0
.
0
–1
.
0
A
n
ll
u
F5
–5
t
n
e
r
r
u
C
e
g
a
k
a
e
L
f
f
O
M
O
C
)
6
(
I
)
F
F
O
(
M
O
C
V
5
.
5
=
+
V
V
M
O
C
V
5
.
4
=
V O
N
V
r
o
C
N
V
1
=
5
21
.
0
–1
0
.
0
–1
.
0
ll
u
F5
–5
t
n
e
r
r
u
C
e
g
a
k
a
e
L
n
O
M
O
C
)
6
(
I
)
N
O
(
M
O
C
V
5
.
5
=
+
V
V
M
O
C
V
5
=
V O
N
V
r
o
C
N
V
5
=
5
22
.
0
–4
0
.
0
–2
.
0
ll
u
F0
1
–0
1
∆



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com