Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHS030C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NHS030C
Description  INTELLIGENT POWER DEVICE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHS030C Datasheet(HTML) 4 Page - Renesas Technology Corp

  NHS030C Datasheet HTML 1Page - Renesas Technology Corp NHS030C Datasheet HTML 2Page - Renesas Technology Corp NHS030C Datasheet HTML 3Page - Renesas Technology Corp NHS030C Datasheet HTML 4Page - Renesas Technology Corp NHS030C Datasheet HTML 5Page - Renesas Technology Corp NHS030C Datasheet HTML 6Page - Renesas Technology Corp NHS030C Datasheet HTML 7Page - Renesas Technology Corp NHS030C Datasheet HTML 8Page - Renesas Technology Corp NHS030C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
µ
PD166037T1J Datasheet
3. Specification
R07DS1114EJ0200 Rev.2.00
Page 4 of 39
May 22, 2015
3.2 Pin Configuration
3.2.1 12-pin Power HSSOP Pin Configuration
Pin No.
Terminal Name
1
GND
2
IN1
3
IS1
4
IS2
5
IN2
6
VCC
7
SEN
8
OUT2
9
OUT2
10
OUT1
11
OUT1
12
VCC
Tab
VCC
Pin function
Terminal Name
Pin function
Recommended connection
GND
Ground connection
Connected to GND through a 100 Ohm resistor
or a diode for reverse current protection
Refer chapter 6.
INn
Input signal for channel n (n=1 to 2)
Connected to MCU port through 2k-50K serial
resistor
ISn
Current sense and Diagnosis output signal
channel n (n=1 to 2)
Connected to GND through a 0.67K-5K resistor
SEN
Sense enable input
Connected to MCU port through 2k-50K serial
resistor
OUTn
Protected high-side power output channel n (n=1
to 2)
Connected to load with small 50-100nf capacitor
in parallel
VCC
Positive power supply for logic supply as well as
output power supply
Connected to battery voltage with small 100nf
capacitor in parallel
N.C.
Non connection
Left open
12 11 10 9 8 7
1 2 3 4 5 6
Tab
Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com