Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHQ030C Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # NHQ030C
Description  INTELLIGENT POWER DEVICE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHQ030C Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button NHQ030C Datasheet HTML 33Page - Renesas Technology Corp NHQ030C Datasheet HTML 34Page - Renesas Technology Corp NHQ030C Datasheet HTML 35Page - Renesas Technology Corp NHQ030C Datasheet HTML 36Page - Renesas Technology Corp NHQ030C Datasheet HTML 37Page - Renesas Technology Corp NHQ030C Datasheet HTML 38Page - Renesas Technology Corp NHQ030C Datasheet HTML 39Page - Renesas Technology Corp NHQ030C Datasheet HTML 40Page - Renesas Technology Corp NHQ030C Datasheet HTML 41Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
µ
PD166037T1J Datasheet
6. Application example in principle
R07DS1114EJ0200 Rev.2.00
Page 39 of 39
May 22, 2015
6. Application example in principle
RIN, RSEN, RAN values are in range of 2k to 50kohm depending microcontroller while R_L value is typically 4kohm.
If necessary to raise HBM tolerated dose, adding resister between OUT terminal and Ground is effective. Resister’s
value is typically 100kohm
GND Network recommendation
RGND
Vbat
VCC
GND
VCC
GND
Vbat
In case of V_loaddump < 35V
In case of 35V < V_loaddump < 42V
External diode is recommended in order to
prevent reverse current toward control logic
part at reverse battery condition.
Note: If other component is installed to prevent reverse current at reverse battery condition,
diode is not required in GND Network.
Note: Approx. 10kohm additional resistor in parallel with diode is recommended depends on
Vf- If performance of the diode.
External diode and resistor are recommended
in order to prevent reverse current toward
control logic part at reverse battery condition
and limit the current through ZDAZ at load
dump condition. 100ohm is recommended as
RGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com