Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBLF1640CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SBLF1640CT
Description  Dual Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBLF1640CT Datasheet(HTML) 3 Page - Vishay Siliconix

  SBLF1640CT Datasheet HTML 1Page - Vishay Siliconix SBLF1640CT Datasheet HTML 2Page - Vishay Siliconix SBLF1640CT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SBL16xxCT, SBLF16xxCT & SBLB16xxCTSeries
Vishay Semiconductors
formerly General Semiconductor
Document Number 88727
www.vishay.com
11-Feb-02
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
50
10
Typical Reverse Characteristics Per Leg
1.0
0.1
0.01
Forward Current Derating Curve
0
4
8
12
20
0
50
100
150
16
Number of Cycles at 60 HZ
Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
0
50
150
100
250
200
300
110
100
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
Case Temperature (
°C)
Typical Instantaneous
Forward Characteristics Per Leg
1.0
10
50
0.01
0.001
0.1
TJ = 125
°C
75
°C
25
°C
Resistive or Inductive Load
0.01
110
100
10
100
0.1
0.1
1
t – Pulse Duration (sec.)
TJ = 25
°C
TJ = 125
°C
Typical Junction Capacitance Per Leg
110
100
1,000
4,000
100
0.1
Reverse Voltage (V)
TJ = 25
°C
f = 1.0 MHZ
Vsig = 50mVp-p
Instantaneous Forward Voltage (V)
0
0.2
0.1
0.6
1.1
1.2
0.4
0.3
0.7 0.8 0.9
0.5
1.0
Pulse Width = 300
µs
1% Duty Cycle
0
20
100
40
60
80
Typical Transient
Thermal Impedance Per Leg
Percent of Rated Peak Reverse Voltage (%)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com