Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2113B Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX2113B
Description  Outputs Capable of Sourcing and Sinking 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2113B Datasheet(HTML) 4 Page - IXYS Corporation

  IX2113B Datasheet HTML 1Page - IXYS Corporation IX2113B Datasheet HTML 2Page - IXYS Corporation IX2113B Datasheet HTML 3Page - IXYS Corporation IX2113B Datasheet HTML 4Page - IXYS Corporation IX2113B Datasheet HTML 5Page - IXYS Corporation IX2113B Datasheet HTML 6Page - IXYS Corporation IX2113B Datasheet HTML 7Page - IXYS Corporation IX2113B Datasheet HTML 8Page - IXYS Corporation IX2113B Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R03
IX2113
1.5 Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are
measured under board-mounted and still-air conditions.
1.6 Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions. The VS and VSS offset ratings
are tested with all supplies biased at a 15V differential.
Parameter
Symbol
Min
Max
Units
High-Side Floating Supply Voltage
VB
-0.3
700
V
High-Side Floating Supply Offset Voltage
VS
VB-20
VB+0.3
V
High-Side Floating Output Voltage
VHO
VS-0.3
VB+0.3
V
Low-Side Fixed Supply Voltage
VCC
-0.3
20
V
Low-Side Output Voltage
VLO
-0.3
VCC+0.3
V
Logic Supply Voltage
VDD
-0.3
VSS+20
V
Logic Supply Offset Voltage
VSS
VCC-20
VCC+0.3
V
Logic Input Voltage (HIN, LIN, SD)
VIN
VSS-0.3
VDD+0.3
V
Allowable Offset Supply Voltage Transient
dVS/dt
-50
V/ns
Package Power Dissipation @ TA  25°C
16-Pin SOIC
PD
-1.25
W
14-Pin DIP
1.6
Thermal Resistance, Junction to Ambient
16-Pin SOIC
RJA
-100
°C/W
14-Pin DIP
75
Junction Temperature
TJ
-150
°C
Storage Temperature
TS
-55
150
°C
Lead Temperature (Soldering, 10 Seconds)
TL
-300
°C
Parameter
Symbol
Min
Max
Units
High-Side Floating Supply Absolute Voltage
VB
VS+10
VS+20
V
High-Side Floating Supply Offset Voltage
VS
-600
High-Side Floating Output Voltage
VHO
VS
VB
Low-Side Fixed Supply Voltage
VCC
10
20
Low-Side Output Voltage
VLO
0
VCC
Logic Supply Voltage
VDD
VSS+3
VSS+20
Logic Supply Offset Voltage
VSS
-5
5
Logic Input Voltage (HIN, LIN, SD)
VIN
VSS
VDD
Ambient Temperature
TA
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com