Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX3120G Datasheet(PDF) 7 Page - IXYS Corporation

Part # IX3120G
Description  2.5A Maximum Peak Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX3120G Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IX3120G Datasheet HTML 3Page - IXYS Corporation IX3120G Datasheet HTML 4Page - IXYS Corporation IX3120G Datasheet HTML 5Page - IXYS Corporation IX3120G Datasheet HTML 6Page - IXYS Corporation IX3120G Datasheet HTML 7Page - IXYS Corporation IX3120G Datasheet HTML 8Page - IXYS Corporation IX3120G Datasheet HTML 9Page - IXYS Corporation IX3120G Datasheet HTML 10Page - IXYS Corporation IX3120G Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IX3120
R04
www.ixysic.com
7
2. Performance Data
Temperature (ºC)
-40
-20
0
20
40
60
80
100
-0.20
-0.18
-0.16
-0.14
-0.12
-0.10
V
OH vs. Temperature
(I
F=7mA, IOUT=-100mA, VCC=15V, VEE=0V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.10
0.12
0.14
0.16
0.18
0.20
0.22
V
OL vs. Temperature
(I
F=0mA, IOUT=100mA, VCC=15V, VEE=0V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
Output High Current vs. Temperature
(V
CC=15V, VEE=0V, IF=7mA, VOUT=VCC-4V)
I
OH (A)
0.0
0.5
1.0
1.5
2.0
2.5
-10
-8
-6
-4
-2
0
V
OH vs. IOH
(I
F=7mA, VCC=15V, VEE=0V)
-40ºC
25ºC
100ºC
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Output Low Current vs. Temperature
(V
CC=15V, VEE=0V, VOUT=2.5V)
(V
F(off)=-3.0 to 0.8V)
I
OL (A)
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
12
V
OL vs. IOL
(V
CC=15V, VEE=0V, VF(off)=-3.0 to 0.8V)
100ºC
25ºC
-40ºC
Temperature (ºC)
-40
-20
0
20
40
60
80
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
CC vs. Temperature
(V
CC=30V, VEE=0V, Output=Open)
I
CCH: IF=10mA
I
CCL: IF=0mA
Supply Voltage (V)
15
20
25
30
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
CC vs. VCC
(I
F=10mA, VEE=0V, TA=25ºC)
I
CCH
I
CCL
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.60
0.62
0.64
0.66
0.68
0.70
0.72
0.74
I
FLH vs. Temperature
(V
CC=30V, VEE=0V, Output=OPEN)
LED Forward Voltage (V)
1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50
0
20
40
60
80
100
LED Forward Current
vs. Forward Voltage
(T
A=25ºC)
V
CC - Supply Voltage (V)
15
20
25
30
60
80
100
120
140
160
Propagation Delay vs. V
CC
(I
F=10mA, RG=10Ω, CG=10nF)
(Duty Cycle=50%, f=10kHz, T
A=25ºC)
t
PHL
t
PLH
t
PHL
t
PLH
R
G (Ω)
10
15
20
25
30
35
40
45
50
60
80
100
120
140
160
Propagation Delay vs. R
G
(I
F=10mA, VCC=30V, VEE=0V, CG=10nF)
(Duty Cycle=50%, f=10kHz, T
A=25ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com