Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX3180G Datasheet(PDF) 7 Page - IXYS Corporation

Part # IX3180G
Description  2.5A Maximum Peak Output Current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX3180G Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IX3180G Datasheet HTML 3Page - IXYS Corporation IX3180G Datasheet HTML 4Page - IXYS Corporation IX3180G Datasheet HTML 5Page - IXYS Corporation IX3180G Datasheet HTML 6Page - IXYS Corporation IX3180G Datasheet HTML 7Page - IXYS Corporation IX3180G Datasheet HTML 8Page - IXYS Corporation IX3180G Datasheet HTML 9Page - IXYS Corporation IX3180G Datasheet HTML 10Page - IXYS Corporation IX3180G Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
IX3180
R02
www.ixysic.com
7
I
F - Forward LED Current (mA)
01
23
45
0
5
10
15
20
25
Transfer Characteristic
C
G (nF)
510
15
20
25
50
70
90
110
130
150
Propagation Delay vs. C
G
(V
CC=20V, IF=10mA, RG=10Ω, f=250kHz, Duty Cycle=50%)
t
PHL
t
PLH
R
G (Ω)
10
15
20
25
30
35
40
45
50
50
70
90
110
130
150
Propagation Delay vs. R
G
(V
CC=20V, IF=10V, CG=10nF, f=250kHz, Duty Cycle=50%)
t
PHL
t
PLH
Forward Voltage (V)
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
10
20
30
40
50
Input Current vs. Forward Voltage
(T
A=25ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com