Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX3120GE Datasheet(PDF) 9 Page - IXYS Corporation

Part # IX3120GE
Description  2.5A Maximum Peak Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX3120GE Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IX3120GE Datasheet HTML 4Page - IXYS Corporation IX3120GE Datasheet HTML 5Page - IXYS Corporation IX3120GE Datasheet HTML 6Page - IXYS Corporation IX3120GE Datasheet HTML 7Page - IXYS Corporation IX3120GE Datasheet HTML 8Page - IXYS Corporation IX3120GE Datasheet HTML 9Page - IXYS Corporation IX3120GE Datasheet HTML 10Page - IXYS Corporation IX3120GE Datasheet HTML 11Page - IXYS Corporation IX3120GE Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IX3120
R04
www.ixysic.com
9
3. Test Circuits
t
PLH, tPHL, tr, tf Test Circuit
2
3
1
4
7
6
8
5
I
F=7 to 16mA
0.1
μF
V
CC=15 to 30V
+
-
V
O
R
G
10
Ω
C
G
10nF
500
Ω
+
-
10kHz
50%
Duty Cycle
V
OH Test Circuit
I
OL Test Circuit
V
OL Test Circuit
I
FLH Test Circuit
UVLO Test Circuit
I
OH Test Circuit
2
3
1
4
7
6
8
5
I
F=7 to 16mA
0.1
μF
V
CC=15 to 30V
+
-
+
-
4V
I
OH
2
3
1
4
7
6
8
5
0.1
μF
V
CC=15 to 30V
+
-
I
OL
+
-
2.5V
2
3
1
4
7
6
8
5
I
F=7 to 16mA
0.1
μF
V
CC=15 to 30V
+
-
V
OH
100mA
2
3
1
4
7
6
8
5
0.1
μF
V
CC=15 to 30V
+
-
V
OL
100mA
2
3
1
4
7
6
8
5
I
F=10mA
0.1
μF
V
CC
+
-
V
O>5V
2
3
1
4
7
6
8
5
0.1
μF
V
CC=15 to 30V
+
-
V
O>5V
I
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com