Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI614PI Datasheet(PDF) 12 Page - IXYS Corporation

Part # IXDI614PI
Description  14A Peak Source/Sink Drive Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI614PI Datasheet(HTML) 12 Page - IXYS Corporation

Back Button IXDI614PI Datasheet HTML 6Page - IXYS Corporation IXDI614PI Datasheet HTML 7Page - IXYS Corporation IXDI614PI Datasheet HTML 8Page - IXYS Corporation IXDI614PI Datasheet HTML 9Page - IXYS Corporation IXDI614PI Datasheet HTML 10Page - IXYS Corporation IXDI614PI Datasheet HTML 11Page - IXYS Corporation IXDI614PI Datasheet HTML 12Page - IXYS Corporation IXDI614PI Datasheet HTML 13Page - IXYS Corporation IXDI614PI Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_614
12
www.ixysic.com
R06
5.4 Mechanical Dimensions
5.4.1 SI (8-Pin Power SOIC with Exposed Metal Back)
Note: The exposed metal pad on the back of the SI package should be connected to GND. It is not suitable for
carrying current.
5.4.2 SI Package Tape & Reel Information
Recommended PCB Land Pattern
Dimensions
mm
(inches)
1.346 ± 0.076
(0.053 ± 0.003)
0.051 MIN - 0.254 MAX
(0.002 MIN - 0.010 MAX)
4.928 ± 0.254
(0.194 ± 0.010)
Pin 1
0.406 ± 0.076
(0.016 ± 0.003)
5.994 ± 0.254
(0.236 ± 0.010)
3.937 ± 0.254
(0.155 ± 0.010)
1.270 REF
(0.050)
0.762 ± 0.254
(0.030 ± 0.010)
7º
2.540 ± 0.254
(0.100 ± 0.010)
3.556 ± 0.254
(0.140 ±0.010)
1.27
(0.050)
5.40
(0.209)
1.55
(0.061)
0.60
(0.024)
2.75
(0.108)
3.80
(0.150)
Dimensions
mm
(inches)
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
K
0= 2.10
(0.083)
W=12.00
(0.472)
B
0=5.30
(0.209)
User Direction of Feed
A
0=6.50
(0.256)
P=8.00
(0.315)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com