Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM1205STR Datasheet(PDF) 2 Page - IXYS Corporation

Part # PM1205STR
Description  Zero-Crossing Detection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PM1205STR Datasheet(HTML) 2 Page - IXYS Corporation

  PM1205STR Datasheet HTML 1Page - IXYS Corporation PM1205STR Datasheet HTML 2Page - IXYS Corporation PM1205STR Datasheet HTML 3Page - IXYS Corporation PM1205STR Datasheet HTML 4Page - IXYS Corporation PM1205STR Datasheet HTML 5Page - IXYS Corporation PM1205STR Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R10
PM1205
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Min
Max
Units
Blocking Voltage
-
500
V
P
Reverse Input Voltage
-
5
V
Input Control Current
-
100
mA
Peak (10ms)
-
1
A
Input Power Dissipation 1
-
150
mW
Total Package Dissipation 2
-
800
mW
Isolation Voltage, Input to Output
3750
-
V
rms
Operational Temperature
-40
+85
ºC
Storage Temperature
-40
+125
ºC
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
AC Operating Voltage
I
F=5mA
V
OP
20
-
240
V
rms
Load Current (Continuous)
V
L=120-240VAC
I
L
0.005
-
0.5
A
rms
Maximum Surge Current
t<16ms
I
PEAK
-
-
12
A
Off-State Leakage Current
V
L=500VDC
I
LEAK
--
1
mA
On-State Voltage Drop
I
L=0.5Arms
-
-
-
1.4
V
rms
Critical Rate of Rise
-
dV/dt
1000
1200
-
V/µs
Switching Speeds
Turn-On
I
F=5mA
t
on
-
-
0.5
Cycles
Turn-Off
t
off
-
-
0.5
Zero-Cross Turn-On Voltage 1
1st half-cycle
-
-2
5
V
Subsequent half-cycle
-
-
1
V
Operating Frequency
-
-
20
-
500
Hz
Load Power Factor for Guaranteed Turn-On 2
-
PF
0.25
-
-
-
Capacitance Input-To-Output
-
C
I/O
-3
-
pF
Input Characteristics
Input Control Current
For Normal Environment
-
I
F
--
5
mA
For High Noise Environment
-
-
-
10
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Dropout Voltage
-
-
0.8
-
-
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
1
Zero Cross 1st half-cycle @ < 100Hz.
2
Snubber circuits may be required at low power factors.
Electrical Characteristics @ 25ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com