Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ104 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUZ104
Description  Ultra low on-resistance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUZ104 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUZ104 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUZ104 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
BUZ104
DESCRIPTION
·Static Drain-Source On-Resistance
: RDS(on) = 0.1Ω(Max)
·dv/dt rated
·Ultra low on-resistance
·175℃ operating temperature
APPLICATIONS
·High current , high speed switching
·Solenoid and relay drivers
·DC-DC & DC-AC converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
50
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=37℃
17.5
A
Ptot
Total Dissipation@TC=25℃
60
W
Tj
Max. Operating Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.5
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
75
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - BUZ104

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ104 SIEMENS-BUZ104 Datasheet
208Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ104L SIEMENS-BUZ104L Datasheet
209Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
BUZ104S SIEMENS-BUZ104S Datasheet
128Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ104SL SIEMENS-BUZ104SL Datasheet
126Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ104SL-4 SIEMENS-BUZ104SL-4 Datasheet
90Kb / 8P
SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results

Similar Description - BUZ104

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44VPBF IRF-IRFZ44VPBF Datasheet
149Kb / 8P
Ultra Low On-Resistance
IRF7425TRPBF IRF-IRF7425TRPBF Datasheet
157Kb / 9P
Ultra Low On-Resistance
IRLML5203GTRPBF IRF-IRLML5203GTRPBF Datasheet
199Kb / 9P
Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFR4105 KERSEMI-IRFR4105 Datasheet
3Mb / 10P
Ultra Low On-Resistance
IRFU3303PBF KERSEMI-IRFU3303PBF Datasheet
3Mb / 10P
ULTRA LOW ON-RESISTANCE
IRFU4105PBF KERSEMI-IRFU4105PBF Datasheet
3Mb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF8852TRPBF IRF-IRF8852TRPBF Datasheet
276Kb / 10P
 Ultra Low On-Resistance
IRLML6402GTRPBF IRF-IRLML6402GTRPBF Datasheet
188Kb / 8P
Ultra Low On-Resistance
IRFR9024NTRLPBF IRF-IRFR9024NTRLPBF Datasheet
1Mb / 11P
Ultra Low On-Resistance
IRLMS2002TR IRF-IRLMS2002TR Datasheet
100Kb / 8P
Ultra Low On-Resistance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com