Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI630MCI Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXDI630MCI
Description  30A Peak Source/Sink Drive Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI630MCI Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXDI630MCI Datasheet HTML 4Page - IXYS Corporation IXDI630MCI Datasheet HTML 5Page - IXYS Corporation IXDI630MCI Datasheet HTML 6Page - IXYS Corporation IXDI630MCI Datasheet HTML 7Page - IXYS Corporation IXDI630MCI Datasheet HTML 8Page - IXYS Corporation IXDI630MCI Datasheet HTML 9Page - IXYS Corporation IXDI630MCI Datasheet HTML 10Page - IXYS Corporation IXDI630MCI Datasheet HTML 11Page - IXYS Corporation IXDI630MCI Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_630
R03
www.ixysic.com
9
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110 130
-24
-26
-28
-30
-32
-34
-36
Output Source Current
vs. Temperature
(V
CC=18V, CLOAD=1μF)
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110 130
26
28
30
32
34
36
Output Sink Current
vs. Temperature
(V
CC=18V, CLOAD=1μF)
Supply Voltage (V)
5
101520
253035
0.10
0.12
0.14
0.16
0.18
0.20
0.22
High-State Output Resistance
vs. Supply Voltage
R
OH @ -100mA
Supply Voltage (V)
5
1015
2025
3035
0.10
0.12
0.14
0.16
0.18
0.20
0.22
Low-State Output Resistance
vs. Supply Voltage
R
OL @ +100mA
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110 130
7.0
7.5
8.0
8.5
9.0
Under Voltage Lockout Threshold
vs. Temperature - IXD_630M
V
CC Rising
V
CC Falling
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110 130
10.0
10.5
11.0
11.5
12.0
12.5
13.0
Under-Voltage Lockout Threshold
vs. Temperature - IXD_630
V
CC Rising
V
CC Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com