Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI630YI Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXDI630YI
Description  30A Peak Source/Sink Drive Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI630YI Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXDI630YI Datasheet HTML 3Page - IXYS Corporation IXDI630YI Datasheet HTML 4Page - IXYS Corporation IXDI630YI Datasheet HTML 5Page - IXYS Corporation IXDI630YI Datasheet HTML 6Page - IXYS Corporation IXDI630YI Datasheet HTML 7Page - IXYS Corporation IXDI630YI Datasheet HTML 8Page - IXYS Corporation IXDI630YI Datasheet HTML 9Page - IXYS Corporation IXDI630YI Datasheet HTML 10Page - IXYS Corporation IXDI630YI Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_630
R03
www.ixysic.com
7
3
Typical Performance Characteristics
Supply Voltage (V)
10
15
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
110
Rise Time vs. Supply Voltage
(V
IN=0-5V, f=10kHz, TA=25ºC)
C
LOAD=50nF
C
LOAD=25nF
C
LOAD=200nF
C
LOAD=100nF
C
LOAD=10nF
Supply Voltage (V)
10
15
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
110
Fall Time vs. Supply Voltage
(V
IN=0-5V, f=10kHz, TA=25ºC)
C
LOAD=50nF
C
LOAD=25nF
C
LOAD=200nF
C
LOAD=100nF
C
LOAD=10nF
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110 130
20
21
22
23
24
25
26
27
28
Rise & Fall Times vs. Temperature
(V
IN=0-5V, VCC=18V, CLOAD=25nF)
t
f
t
r
Load Capacitance (nF)
0
50
100
150
200
0
20
40
60
80
100
Rise Time vs. Load Capacitance
V
CC=10V
V
CC=12V,18V,25V,30V,35V
Load Capacitance (nF)
0
50
100
150
200
0
20
40
60
80
100
Fall Time vs. Load Capacitance
V
CC=10V
V
CC=12V
V
CC=18V
V
CC=25V
V
CC=30V
V
CC=35V
Supply Voltage (V)
5
101520
253035
20
30
40
50
60
70
80
90
Propagation Delay vs. Supply Voltage
(V
IN=0-5V, CLOAD=5.6nF, f=1KHz)
t
offdly
t
ondly
Input Voltage (V)
0
5
10
15
20
25
30
0
20
40
60
80
100
Propagation Delay vs. Input Voltage
(V
CC=25V, CLOAD=5.6nF, f=1kHz)
t
offdly
t
ondly
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110 130
20
30
40
50
60
70
Propagation Delay
vs. Junction Temperature
(V
IN=0-5V, CLOAD= 5.6nF, VCC=18V, f=1kHz)
t
ondly
t
offdly
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110 130
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
Input Threshold vs. Temperature
(V
CC=18V, CLOAD=5.6nF)
Min V
IH
Max V
IL
Supply Voltage (V)
10
15
20
25
30
35
2.0
2.5
3.0
3.5
4.0
Input Threshold
vs. Supply Voltage
Min V
IH
Max V
IL
Supply Voltage (V)
10 12 14 16 18 20 22 24 26 28 30 32 34 36
4
6
8
10
12
14
16
18
20
22
Enable Thresholds
vs. Supply Voltage
V
ENH
V
ENL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com