Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ72 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUZ72
Description  Low Drive Requirements
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUZ72 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUZ72 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUZ72 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel Mosfet Transistor
BUZ72
·FEATURES
·Low R
DS(on)
·V
GS
Rated at
±20V
·Silicon Gate for Fast Switching Speed
·High Input Impedance
·Low Drive Requirements
·Majority Carrier Device
·DESCRITION
·Designed especially for applications such as
switching regulators, switching converters,
motor drivers ,relay drivers.
·ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage-Continuous
±20
V
ID
Drain Current-Continuous
9
A
IDM
Drain Current-Single Plused
36
A
PD
Total Dissipation @TC=25℃
40
W
Tj
Max. Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature
-55~150
℃
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.1
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
75
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - BUZ72

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ72 SIEMENS-BUZ72 Datasheet
195Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ72 INFINEON-BUZ72 Datasheet
90Kb / 8P
SIPMOS Power Transistor
05.99
logo
STMicroelectronics
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
logo
Siemens Semiconductor G...
BUZ72A SIEMENS-BUZ72A Datasheet
193Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ72A INTERSIL-BUZ72A Datasheet
45Kb / 6P
9A, 100V, 0.250 Ohm, N-Channel Power MOSFET
June 1999
More results

Similar Description - BUZ72

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1718 IXYS-CPC1718 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1726 IXYS-CPC1726 Datasheet
115Kb / 6P
Low Drive Power Requirements
CPC1927 IXYS-CPC1927 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1967 IXYS-CPC1967 Datasheet
200Kb / 7P
Low Drive Power Requirements
CPC1977 IXYS-CPC1977 Datasheet
200Kb / 7P
Low Drive Power Requirements
CPC1978 IXYS-CPC1978 Datasheet
201Kb / 7P
Low Drive Power Requirements
CPC1979 IXYS-CPC1979 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1986 IXYS-CPC1986 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1988 IXYS-CPC1988 Datasheet
198Kb / 7P
Low Drive Power Requirements
CPC1010N IXYS-CPC1010N Datasheet
129Kb / 5P
Low Drive Power Requirements
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com