Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8FGR7-Q3 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8FGR7-Q3
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8FGR7-Q3 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button COP8FGR7-Q3 Datasheet HTML 10Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 11Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 12Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 13Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 14Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 15Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 16Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 17Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
5.0 Functional Description (Continued)
Memory address ranges 0200 to 027F and 0300 to 037F are
unavailable on the COP8FGx5 and, if read, will return under-
fined data.
5.5 ECON (CONFIGURATION) REGISTER
For compatibility with COP8FGx7 devices, mask options are
defined by an ECON Configuration Register which is pro-
grammed at the same time as the program code. Therefore,
the register is programmed at the same time as the program
memory.
The format of the ECON register is as follows:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
POR
SECURITY
CKI 2
CKI 1
WATCH
F-Port
HALT
DOG
Bit 7
= x
This is for factory test. The polarity is “Don’t
Care.”
Bit 6
= 1
Power-on reset enabled.
= 0
Power-on reset disabled.
Bit 5
= 1
Security enabled.
Bits 4,3=0,0 External CKI option selected. G7 is avail-
able as a HALT restart and/or general pur-
pose input. CKI is clock input.
= 0, 1 R/C oscillator option selected. G7 is avail-
able as a HALT restart and/or general pur-
pose input. CKI clock input. Internal R/C
components are supplied for maximum R/C
frequency.
= 1, 0 Crystal oscillator with on-chip crystal bias
resistor disabled. G7 (CKO) is the clock
generator output to crystal/resonator.
= 1, 1 Crystal oscillator with on-chip crystal bias
resistor enabled. G7 (CKO) is the clock
generator output to crystal/resonator.
Bit 2
= 1
WATCHDOG feature disabled. G1 is a gen-
eral purpose I/O.
= 0
WATCHDOG feature enabled. G1 pin is
WATCHDOG output with weak pullup.
Bit 1
= 1
Force port I compatibility. Disable port F
outputs and pull-ups. This is intended for
compatibility with existing code and Mask
ROMMed devices only. This bit should be
programmed to 0 for all other applications.
= 0
Enable full port F capability.
Bit 0
= 1
HALT mode disabled.
= 0
HALT mode enabled.
5.6 USER STORAGE SPACE IN EPROM
The ECON register is outside of the normal address range of
the ROM and can not be accessed by the executing soft-
ware.
The COP8 assembler defines a special ROM section type,
CONF, into which the ECON may be coded. Both ECON and
User Data are programmed automatically by programmers
that are certified by National.
The following examples illustrate the declaration of ECON
and the User information.
Syntax:
[label:] .sect
econ, conf
.db
value
;1 byte,
;configures options
.db
<user information>
.endsect
; up to 8 bytes
Example: The following sets a value in the ECON register
and User Identification for a COP8FGR728M7. The ECON
bit values shown select options: Power-on enabled, Security
disabled, Crystal oscillator with on-chip bias disabled,
WATCHDOG enabled and HALT mode enabled.
.sect
econ, conf
.db
0x55
;por, xtal, wd, halt
.db
'my v1.00' ;user data declaration
.endsect
5.7 RESET
The devices are initialized when the RESET pin is pulled low
or the On-chip Power-On Reset is enabled.
The following occurs upon initialization:
Port L: TRI-STATE (High Impedance Input)
Port C: TRI-STATE (High Impedance Input)
Port G: TRI-STATE (High Impedance Input)
Port F: TRI-STATE (High Impedance Input)
Port D: HIGH
PC: CLEARED to 0000
PSW, CNTRL and ICNTRL registers: CLEARED
SIOR:
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
T2CNTRL: CLEARED
T3CNTRL: CLEARED
Accumulator, Timer 1, Timer 2 and Timer 3:
RANDOM after RESET with crystal clock option
(power already applied)
UNAFFECTED after RESET with R/C clock option
(power already applied)
RANDOM after RESET at power-on
WKEN, WKEDG: CLEARED
WKPND: RANDOM
SP (Stack Pointer):
Initialized to RAM address 06F Hex
B and X Pointers:
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
S Register: CLEARED
DS101116-13
FIGURE 9. Reset Logic
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com