Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MB2M
Description  Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MB2M Datasheet(HTML) 3 Page - Vishay Siliconix

  MB2M_13 Datasheet HTML 1Page - Vishay Siliconix MB2M_13 Datasheet HTML 2Page - Vishay Siliconix MB2M_13 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MB2M, MB4M, MB6M
www.vishay.com
Vishay General Semiconductor
Revision: 16-Aug-13
3
Document Number: 88660
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Forward Voltage Characteristics Per Diode
Fig. 4 - Typical Reverse Leakage Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.01
0.1
1
10
T
J = 150 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
Pulse Width = 300 µs
1 % Duty Cycle
1.5
0.3
0.5
0.7
0.9
1.1
1.3
0
20
40
60
80
100
0.01
0.1
1
10
100
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
0.1
1
10
100
0
5
10
15
20
25
30
1000
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mV
p-p
0.106 (2.70)
0.090 (2.30)
0.147 (3.73)
0.137 (3.48)
0.161 (4.10)
0.144 (3.65)
0.190 (4.83)
0.179 (4.55)
0.029 (0.74)
0.017 (0.43)
0.105 (2.67)
0.095 (2.41)
0.205 (5.21)
0.195 (4.95)
10° to 15°
0.028 (0.71)
0.020 (0.51)
0.016 (0.41)
0.006 (0.15)
0.148 (3.75)
0.132 (3.35)
0.049 (1.24)
0.039 (0.99)
Case Style MBM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com