Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MB2S
Description  Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MB2S Datasheet(HTML) 1 Page - Vishay Siliconix

  MB2S_13 Datasheet HTML 1Page - Vishay Siliconix MB2S_13 Datasheet HTML 2Page - Vishay Siliconix MB2S_13 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB2S, MB4S, MB6S
www.vishay.com
Vishay General Semiconductor
Revision: 19-Aug-13
1
Document Number: 88661
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Glass Passivated Fast Recovery
Surface Mount Bridge Rectifier
FEATURES
• UL recognition, file number E54214
• Saves space on printed circuit boards
• Ideal for automated placement
• High surge current capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for power supply, lighting ballaster, battery charger, home
appliances, office equipment, and telecommunication
applications.
MECHANICAL DATA
Case: TO-269AA (MBS)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked on body
Notes
(1) On glass epoxy PCB mounted on 0.05" x 0.05" (1.3 mm x 1.3 mm) pads
(2) On aluminum substrate PCB with an area of 0.8" x 0.8" (20 mm x 20 mm) mounted on 0.05" x 0.05" (1.3 mm x 1.3 mm) solder pad
PRIMARY CHARACTERISTICS
Package
TO-269AA (MBS)
IF(AV)
0.5 A
VRRM
200 V, 400 V, 600 V
IFSM
35 A
IR
5 μA
VF at IF = 0.4 A
1.0 V
TJ max.
150 °C
Diode variations
Quad
~
~
TO-269AA (MBS)
~
~
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MB2S
MB4S
MB6S
UNIT
Device marking code
2
4
6
Maximum repetitive peak reverse voltage
VRRM
200
400
600
V
Maximum RMS voltage
VRMS
140
280
420
V
Maximum DC blocking voltage
VDC
200
400
600
V
Maximum average forward output
rectified current (fig. 1)
on glass-epoxy PCB (1)
IF(AV)
0.5
A
on aluminum substrate (2)
0.8
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
35
A
Rating for fusing (t < 8.3 ms)
I2t5.0
A2s
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - MB2S_13

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MB2S DIOTEC-MB2S_13 Datasheet
132Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
More results

Similar Description - MB2S_13

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RMB2S GE-RMB2S Datasheet
42Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT FAST RECOVERY BRIDGE RECTIFIER
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S Datasheet
230Kb / 4P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
01-Feb-08
logo
EIC discrete Semiconduc...
RMB2S EIC-RMB2S Datasheet
43Kb / 2P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
logo
Zibo Seno Electronic En...
RABS05 ZSELEC-RABS05 Datasheet
136Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RABS205 ZSELEC-RABS205 Datasheet
136Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RABS1505 ZSELEC-RABS1505 Datasheet
136Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RMB05F ZSELEC-RMB05F Datasheet
88Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RMB05S ZSELEC-RMB05S Datasheet
137Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
MB2S VISHAY-MB2S_V01 Datasheet
106Kb / 5P
Miniature Glass Passivated Fast Recovery Surface-Mount Bridge Rectifier
04-Aug-2020
RMB2S VISHAY-RMB2S_V01 Datasheet
106Kb / 5P
Miniature Glass Passivated Fast Recovery Surface-Mount Bridge Rectifier
04-Aug-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com