Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2017-15-A-RPLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2017-15-A-RPLF
Description  Gas Discharge Tube Surge Arrestor with FLAT Technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2017-15-A-RPLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2017-15-A-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2017-15-A-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2017-15-A-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
2017SeriesGasDischargeTubeSurgeArrestorwithFLAT®Technology
Product Dimensions
Typical Part Marking
DIMENSIONS:
MM
(INCHES)
0.50 ± 0.10
(.020 ± .004)
8.50 ± 0.30
(.335 ± .012)
0.50 ± 0.10
(.020 ± .004)
10.35 ± 0.20
(.407 ± .008)
1.40 ± 0.20
(.055 ± .008)
2.00 ± 0.30
(.079 ± .012)
2.00 ± 0.30
(.079 ± .012)
0.55 ± 0.20
(.022 ± .008)
4.60 ± 0.20
(.181 ± .008)
1.00 ± 0.20
(.039 ± .008)
2 PLCS.
45 °
2 PLCS.
METAL
ELECTRODE
CERAMIC
INSULATOR
8.00 +0.10/-0.30
(.315 +.004/-.012)
DIA.
2.50 ± 0.20
(.098 ± .008)
2.50 ± 0.20
(.098 ± .008)
8.00 +0.10/-0.30
(.315 +.004/-.012)
DIA.
CERAMIC
INSULATOR
METAL
ELECTRODE
2.00 ± 0.30
(.079 ± .012)
CERAMIC
INSULATOR
METAL
ELECTRODE
8.00 +0.10/-0.30
(.315 +.004/-.012)
DIA.
6.50 +0.00/-0.30
(.256 +.00/-.012)
DIA.
2017-xx-A-RPLF
2017-xx--SMH-RPLF
0.50 ± 0.10
(.020 ± .004)
8.50 ± 0.30
(.335 ± .012)
0.50 ± 0.10
(.020 ± .004)
10.35 ± 0.20
(.407 ± .008)
1.40 ± 0.20
(.055 ± .008)
2.00 ± 0.30
(.079 ± .012)
2.00 ± 0.30
(.079 ± .012)
0.55 ± 0.20
(.022 ± .008)
4.60 ± 0.20
(.181 ± .008)
1.00 ± 0.20
(.039 ± .008)
2 PLCS.
45 °
2 PLCS.
METAL
ELECTRODE
CERAMIC
INSULATOR
8.00 +0.10/-0.30
(.315 +.004/-.012)
DIA.
2.50 ± 0.20
(.098 ± .008)
2.50 ± 0.20
(.098 ± .008)
8.00 +0.10/-0.30
(.315 +.004/-.012)
DIA.
CERAMIC
INSULATOR
METAL
ELECTRODE
2.00 ± 0.30
(.079 ± .012)
CERAMIC
INSULATOR
METAL
ELECTRODE
8.00 +0.10/-0.30
(.315 +.004/-.012)
DIA.
6.50 +0.00/-0.30
(.256 +.00/-.012)
DIA.
0.50 ± 0.10
(.020 ± .004)
8.50 ± 0.30
(.335 ± .012)
0.50 ± 0.10
(.020 ± .004)
10.35 ± 0.20
(.407 ± .008)
1.40 ± 0.20
(.055 ± .008)
2.00 ± 0.30
(.079 ± .012)
2.00 ± 0.30
(.079 ± .012)
0.55 ± 0.20
(.022 ± .008)
4.60 ± 0.20
(.181 ± .008)
1.00 ± 0.20
(.039 ± .008)
2 PLCS.
45 °
2 PLCS.
METAL
ELECTRODE
CERAMIC
INSULATOR
8.00 +0.10/-0.30
(.315 +.004/-.012)
DIA.
2.50 ± 0.20
(.098 ± .008)
2.50 ± 0.20
(.098 ± .008)
8.00 +0.10/-0.30
(.315 +.004/-.012)
DIA.
CERAMIC
INSULATOR
METAL
ELECTRODE
2.00 ± 0.30
(.079 ± .012)
CERAMIC
INSULATOR
METAL
ELECTRODE
8.00 +0.10/-0.30
(.315 +.004/-.012)
DIA.
6.50 +0.00/-0.30
(.256 +.00/-.012)
DIA.
17-XXX
WWYY
DATE CODE:
“WWYY” = WEEK AND
YEAR OF
MANUFACTURE
MANUFACTURER’S
TRADEMARK
VOLTAGE:
090 V
150 V
230 V
420 V
500 V
2017-xx-SMC-RPLF
Pad Layouts
2017-xx--SMH-RPLF
2017-xx-SMC-RPLF
GRID
PLACEMENT
COURTYARD
4.80
(.189)
3.12
(.123)
2 PLCS.
DIA.
6.82
(.269)
DIA.
8.90
(.350)
8.90
(.350)
GRID
PLACEMENT
COURTYARD
0.84
(.033)
R
8 PLCS.
2 PLCS.
4 PLCS.
0.25
(0.10)
2.89
(.114)
0.84
(.033)
5.22
(.206)
3.68
(.145)
6.90
(.272)
2.08
(.082)
1.57
(.062)
2 PLCS.
1.56
(.061)
R
4 PLCS.
2 PLCS.
0.25
(0.10)
6.71
(.264)
0.84
(.033)
0.84
(.033)
4.19
(.165)
7.55
(.297)
1.47
(.058)
3.12
(.123)
4.80
(.189)
5.68
(.224)
GRID
PLACEMENT
COURTYARD
4.80
(.189)
3.12
(.123)
2 PLCS.
DIA.
6.82
(.269)
DIA.
8.90
(.350)
8.90
(.350)
GRID
PLACEMENT
COURTYARD
0.84
(.033)
R
8 PLCS.
2 PLCS.
4 PLCS.
0.25
(0.10)
2.89
(.114)
0.84
(.033)
5.22
(.206)
3.68
(.145)
6.90
(.272)
2.08
(.082)
1.57
(.062)
2 PLCS.
1.56
(.061)
R
4 PLCS.
2 PLCS.
0.25
(0.10)
6.71
(.264)
0.84
(.033)
0.84
(.033)
4.19
(.165)
7.55
(.297)
1.47
(.058)
3.12
(.123)
4.80
(.189)
5.68
(.224)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com