Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R040 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # MF-R040
Description  PTC Resettable Fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R040 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  MF-R040 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R040 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R040 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R040 Datasheet HTML 4Page - Bourns Electronic Solutions MF-R040 Datasheet HTML 5Page - Bourns Electronic Solutions MF-R040 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
MF-R Series - PTC Resettable Fuses
Typical Time to Trip at 23 ºC
MF-R SERIES, REV. AD, 08/15
How to Order
MF - R 110 - 0 - 99
Multifuse®
Product Designator
Series
R = Radial Leaded Component
Hold Current, Ihold
005-1100 (0.05 Amps - 11.0 Amps)
Packaging Options
- __ =
Bulk Packaging without part
number suffix option
- 0-99 =
Bulk Packaging with part
number suffix option
- 2 =
Tape and Reel without part
number suffix option*
- 2-99 =
Tape and Reel with part number
suffix option
- AP =
Ammo-Pak*
- 0-14 =
Kinked leads where straight
leads are standard
- 0-17 =
Straight leads where kinked
leads are standard
Part Number Suffix Option
- 99 =
As of date code April 1, 2005 all
MF-R models are RoHS
compliant. The suffix “-99”
can be used if a new part
number is required to reference
the RoHS compliance.
Examples:
MF-R110..................Bulk packaging
MF-R110-0-99 .........Bulk packaging
with part number
suffix option
MF-R110-2...............Tape and reel
packaging
MF-R110-2-99 .........Tape and reel
packaging with
part number
suffix option
MF-R090-0-9-99......Bulk packaging
with part number
suffix option
MF-R250-0-10-99....Bulk packaging
with part number
suffix option
*Packaged per EIA486-B
100
10
1
0.1
0.01
0.001
0.1
1
10
100
Fault Current (Amps)
100
10
1
0.1
0.01
0.001
1
10
100
Fault Current (Amps)
Typical Part Marking: MF-R005 - R025
Represents total content. Layout may vary.
025
0A
PART
IDENTIFICATION
MANUFACTURER'S
TRADEMARK
DATE CODE:
WEEK 1 OF 2000 = 0A
(YEAR & WEEK)
WEEK 27 OF 2000 = A0
(WEEK & YEAR)
Typical Part Marking: MF-R030 - R1100
Represents total content. Layout may vary.
R250
0180T
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
NEXT THREE DIGITS =
DAY OF YEAR)
LOT NO.
(T = TAIWAN
S = CHINA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com