Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R050 Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # MF-R050
Description  PTC Resettable Fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R050 Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  MF-R050 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R050 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R050 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R050 Datasheet HTML 4Page - Bourns Electronic Solutions MF-R050 Datasheet HTML 5Page - Bourns Electronic Solutions MF-R050 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
h
w
h
f
d
Reel
Upper side
Tape
Lower side
User
direction
of
feed
t
User direction of feed
Cross section A - B
Δp
Δp
H
H1
Reference plane
W0
H0
W1
W
A
B
F
D0
P0
I1
I2
L
H1
P1
Δh
Δh
IEC
EIA
Dimensions
Dimension Description
Mark
Mark
Dimensions
Tolerance
Lead spacing: MF-R, MF-R/90, MF-R/600, MF-RX, MF-RX/72
F
F
5.08
±0.2
(0.2)
(±0.008)
Lead spacing: MF-RX/250
F
F
5.08
-0.5/+0.6
(0.2)
(-.020/+.024)
Reel width
w
W2
56.0
max.
(2.205)
Reel diameter
d
a
370.0
max.
(14.57)
Space between flanges less device
4.75
±3.25
W1
h
(.187)
(±.128)
Arbor hole diameter
f
c
26.0
±12.0
(1.024)
(±.472)
Core diameter: MF-R, MF-RX, MF-R/90
h
n
80
max.
(3.15)
Core diameter: MF-RX/250, MF-R/600
h
n
91
max.
(3.58)
Box: MF-R, MF-RX, MF-R/90
62
355
345
nom.
(2.44) (14.0)
(13.6)
Box: MF-RX/250
67
372
362
max.
(2.64) (14.6) (14.25)
Box: MF-R/600
64
372
362
max.
(2.52) (14.6) (14.25)
Consecutive missing places: MF-R, MF-RX, MF-R/90
3
max.
Consecutive missing places: MF-RX/250, MF-R/600
none
Empty places per reel: MF-R, MF-RX, MF-R/90
Not specified
Empty places per reel: MF-RX/250, MF-R/600
0.1 %
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Taped Component Dimensions -
Figure 1
DIMENSIONS:
MM
(INCHES)
MF-R, MF-R/90, MF-R/600, MF-RX, MF-RX/72 & MF-RX/250 Series
Tape and Reel Specifications
Reel Dimensions - Figure 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com