Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA016A Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA016A
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA016A Datasheet HTML 14Page - STMicroelectronics STA016A Datasheet HTML 15Page - STMicroelectronics STA016A Datasheet HTML 16Page - STMicroelectronics STA016A Datasheet HTML 17Page - STMicroelectronics STA016A Datasheet HTML 18Page - STMicroelectronics STA016A Datasheet HTML 19Page - STMicroelectronics STA016A Datasheet HTML 20Page - STMicroelectronics STA016A Datasheet HTML 21Page - STMicroelectronics STA016A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
STA016A
18/43
Type : RW - DEC
Software Reset : 10
Description :
This register must contain a MDIV value that enables
the system PLL to generate a frequency of 42.5 MHz
for the SYSCK.See table 4.
Default value at soft reset assume :
– external crystal provide a CRYCK running at
14.31818 MHz
6.4 I2Sout_CONFIGURATION registers
description
6.4.1
OUTPUT_CONF :
Address : 0x66 (102)
Type : RW - DEC
Software Reset : 0
Description :
If set to 1 enable the configurability of the PCM-
BLOCK Output thanks to following registers, else dis-
able this configurability and take embedded default
configuration for PCM-BLOCK registers.
Note that this embedded default configuration can be
retrieved by user thanks to following setting :
– PCM_DIV = 3;
–PCM_CONF = 0;
– PCM_CROSS = 0;
6.4.2
PCM_DIV :
Address : 0x67 (103)
Type : RW - DEC
Software Reset : 0
Description :
If OUTPUT_CONF == 1, configure the divider to gen-
erate the bit clock of the I2Sout interface, called
BCK0, from PCMCK. according the following relation
: BCKO = PCMCK / 2 * (PCM_DIV+1)
6.4.3
PCM_CONF :
Address : 0x68 (104)
Type : RW - DEC
Software Reset : 0
Description :
If OUTPUT_CONF == 1, configure the I2Sout inter-
face according following table
Table 12. .
6.4.4
PCM_CROSS :
Address : 0x69 (105)
Type : RW - DEC
Software Reset : 0
Description :
If OUTPUT_CONF == 1, CR[1:0] is used to configure
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
0
0
DV5DV4
DV3DV2
DV1DV0
b7
b6
b5
b4
b3
b2
b1
b0
0
CO6
CO5
CO4
CO3
CO2
CO1
CO0
Bit
fields
Comment
CO[1:0]
0 : 16 bits mode (16 slots transmitted).
1 : 18 bits mode (18 slots transmitted).
2 : 20 bits mode (20 slots transmitted).
3 : 24 bits mode (24 slots transmitted).
CO2
Polarity of BCKO :
0 : data are sent on the falling edge & stable
on the rising).
1 : (data are sent on the rising edge & stable
on the falling).
CO3
0 : I2S format is selected
1 : other format is selected
CO4
Polarity of LRCKO :
0 : low->right, high->left).
1 : low->left, high->right so compliant to I2S
format ).
CO5
0 : data are in the last BCKO cycles of
LRCKO (right aligned data).
1 : data are in the first BCKO cycles of
LRCKO (left aligned data).
CO6
0 : the transmission is LS bit first.
1 : the transmission is MS bit first.
b7
b6
b5
b4
b3
b2
b1
b0
00
00
00
CR1
CR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com