Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2035-15-SM-RPLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2035-15-SM-RPLF
Description  Precision Gas Discharge Tube Surge Protector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2035-15-SM-RPLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2035-15-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2035-15-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2035 - xx - SM - RP LF
Model Number Designator
Voltage
Surface Mount
Packaging Options
Blank = Bulk Packaging (Standard)
RP = Reelpack (Optional)
RP3 = Reelpack (Optional)
RP4 = Reelpack (Optional)
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
How to Order
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2035-xx-SM Precision Gas Discharge Tube Surge Protector
Product Dimensions
REV. O 08/15
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
4.4 ± 0.2
(.173 ± .008)
5.0 ± 0.25
(.197 ± .010)
0.33 ± 0.1
(.013 ± .004)
0.51 ± 0.1
(.020 ± .004)
DIMENSIONS:
MM
(INCHES)
Recommended Pad Layout
4.0
(.156)
1.3
(.050)
5.6
(.220)
Model
Standard Packaging Quantity
Bulk(Bag)
Tray
Box
Reel
2035-SM
250
1000
2035-SM-RP
1500
2035-SM-RP3
1000
2035-SM-RP4
1000
-RP4
Reel is 13 inches in diameter and 11/16 inch wide.
12.00 ± 1.27
(.473 ± .050)
5.50 ± 1.27
(.217 ± .050)
1.75 ± 2.5
(.069 ± .100)
12.00
(.473)
4.00
(.158)
1.99
(.078)
-RP3
Reel is 13 inches in diameter and 11/16 inch wide.
12.00
(.473)
4.00
(.158)
12.00 ± 1.27
(.473 ± .050)
-RP
Reel is 13 inches in diameter and 3/4 inch wide.
4.00
(.158)
2.00
(.079)
8.00
(.315)
16.0
(.63)
1.75
(.069)
7.5
(.30)
Unless otherwise specified, tolerances in decimals
are .X ± 0.3, .XX ± 0.15 for lengths in millimeters and ±1 ° for degrees.
RP4 features the GDTs placed upside-down inside the carrier tape.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com