Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2027-25-SM-RPLF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2027-25-SM-RPLF
Description  Precision Gas Discharge Tube Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2027-25-SM-RPLF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2027-25-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2027-25-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2027-25-SM-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DIMENSIONS:
MM
(INCHES)
Packaging Specifications (Continued)
The optional reelpacks (-RP, -RP2, -RP3) are 33 cm in diameter and 3 cm wide.
-RP
-RP2
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2027-xx-SM Precision Gas Discharge Tube Surge Protector
REV. 07/15
-RP3
0.76
(.030)
R
R
7.95
(.374)
8.41
(.331)
9.51
(.374)
4.00
(0.157)
.36
(.014)
3.20
(.126)
16.00
(.630)
6.85
(.270)
5.19
(.204)
6.85
(.270)
0.95
(.037)
A
A
SECTION A-A
8.48
(0.334)
0.41 ± 0.10
(0.02 ± 0.004)
8.08
(0.32)
33 °
7 °
16.00
(0.630)
4.00
(0.157)
2.00
(0.079)
1.50
(0.059)
DIA.
1.75
(0.07)
24.0
(0.94)
11.5
(0.45)
8.48
(0.334)
PART
ORIENTATION
IN TAPE
7.11
(0.28)
7.51
(0.296)
8.40
(.331)
0.40 ± 0.05
(.016 ± .002)
5.10
(.201)
7.9
(.311)
9.5
(.374)
R
0.5
(.020)
TYP.
DIA.
1.50 +0.1/-0.0
(.059 +.004/-.000)
DIA.
1.50 +0.1/-0.0
(.059 +.004/-.000)
16.0 ± 0.3
(.630 ± .012)
7.50 ± 0.1
(.295 ± .004)
1.75 ± 0.1
(.069 ± .004)
4.00 ± 0.20
(.157 ± .008)
2.00 ± 0.10
(.079 ± .004)
12.00
(.473)
PART
ORIENTATION
IN TAPE
PART
ORIENTATION
IN TAPE
Unless otherwise specified, tolerances in decimals
are .X ± 0.3, .XX ± 0.15 for lengths in millimeters and ±1 ° for degrees.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com