Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2027-30-SM-RPLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2027-30-SM-RPLF
Description  Precision Gas Discharge Tube Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2027-30-SM-RPLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2027-30-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2027-30-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2027-30-SM-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
How to Order
2027 - xx - SM - RP LF
Model Number Designator
Voltage (Divided by 10)
07 = 75 V
30 = 300 V
09 = 90 V
35 = 350 V
15 = 150 V
40 = 400 V
20 = 200 V
42 = 420 V
23 = 230 V
47 = 470 V
25 = 250 V
60 = 600 V
Surface Mount
Packaging Option
Blank = Bulk Packaging (Standard)
RP = 24 mm Reelpack (Optional)
RP2 = 16 mm Reelpack (Optional)
RP3 = 16 mm Reelpack / Vertical part alignment in tape (Optional)
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2027-xx-SM Precision Gas Discharge Tube Surge Protector
Product Dimensions
Recommended Pad Layout
8.00 ± 0.20
(.315 ± .008)
7.6
(.299)
4.6
(.181)
1.5
(.059)
8.6
(.339)
6.4 ± 0.30
(.252 ± .012)
DIA.
0.42 ± 0.02
(.017 ± .001)
0.76 ± 0.08
(.030 ± .003)
7.50 ± 0.20
(.295 ± .008)
Model
Standard Packaging Quantity
Bulk
(Bag)
Tray
Box
Reel
2027-xx-SM
250
1000
2027-xx-SM-RP
500
2027-xx-SM-RP2
500
Packaging Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com