Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR1020CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPR1020CT
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1020CT Datasheet(HTML) 2 Page - STMicroelectronics

  STPR1020CT Datasheet HTML 1Page - STMicroelectronics STPR1020CT Datasheet HTML 2Page - STMicroelectronics STPR1020CT Datasheet HTML 3Page - STMicroelectronics STPR1020CT Datasheet HTML 4Page - STMicroelectronics STPR1020CT Datasheet HTML 5Page - STMicroelectronics STPR1020CT Datasheet HTML 6Page - STMicroelectronics STPR1020CT Datasheet HTML 7Page - STMicroelectronics STPR1020CT Datasheet HTML 8Page - STMicroelectronics STPR1020CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STPR1020CB/CG/CT/CF/CFP/CR
2/10
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
Tj = 25°C
VR =VRRM
50
µA
Tj = 100°C
0.6
mA
VF**
Forward voltage
drop
Tj = 125
°CIF =5A
0.8
0.99
V
Tj = 125
°CIF =10A
0.95
1.20
Tj = 25°C
IF =10A
1.25
Pulse test : * tp=5ms,
δ <2%
** tp = 380
µs, δ <2%
To evaluate the conduction losses use the following equation :
P=0.78xIF(AV) + 0.042 x IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25°C
IF = 0.5A
IR =1A
Irr = 0.25A
30
ns
tfr
Tj =25
°CIF =1A
VFR =1.1xVF max
dIF/dt=50A/
µs20
ns
VFP
Tj =25
°CIF =1A
dIF/dt=50A/
µs3
V
RECOVERY CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AB / D
2PAK / DPAK
I
2PAK
Per diode
4.0
°C/W
Total
2.4
ISOWATT220AB
Per diode
6.0
Total
4.0
TO-220FPAB
Per diode
6.5
Total
5
Rth (c)
Coupling
TO-220AB / D
2PAK / DPAK / I2PAK
0.7
ISOWATT220AB
2.0
TO-220FPAB
3.5
When diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode 1) x Rth(j-c) (Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCES



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com