Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR1020CF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPR1020CF
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1020CF Datasheet(HTML) 5 Page - STMicroelectronics

  STPR1020CF Datasheet HTML 1Page - STMicroelectronics STPR1020CF Datasheet HTML 2Page - STMicroelectronics STPR1020CF Datasheet HTML 3Page - STMicroelectronics STPR1020CF Datasheet HTML 4Page - STMicroelectronics STPR1020CF Datasheet HTML 5Page - STMicroelectronics STPR1020CF Datasheet HTML 6Page - STMicroelectronics STPR1020CF Datasheet HTML 7Page - STMicroelectronics STPR1020CF Datasheet HTML 8Page - STMicroelectronics STPR1020CF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STPR1020CB/CG/CT/CF/CFP/CR
5/10
10
20
50
100
200
500
0.1
1.0
10.0
20.0
dIF/dt(A/µs)
IRM(A)
IF=IF(av)
90% confidence
Tj=125°C
Fig. 9: Peak reverse recovery current versus
dIF/dt (per diode).
0
25
50
75
100
125
150
0.25
0.50
0.75
1.00
1.25
Tj(°C)
Qrr;IRM [Tj] / Qrr;IRM [Tj=125°C]
IRM
Qrr
Fig. 10: Dynamic parameters versus junction
temperature (per diode).
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
90
100
S(Cu) (cm²)
Rth(j-a) (°C/W)
DPAK
D²PAK
Fig. 11: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness: 35
µm).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com