Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR1020CG Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPR1020CG
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1020CG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPR1020CG Datasheet HTML 2Page - STMicroelectronics STPR1020CG Datasheet HTML 3Page - STMicroelectronics STPR1020CG Datasheet HTML 4Page - STMicroelectronics STPR1020CG Datasheet HTML 5Page - STMicroelectronics STPR1020CG Datasheet HTML 6Page - STMicroelectronics STPR1020CG Datasheet HTML 7Page - STMicroelectronics STPR1020CG Datasheet HTML 8Page - STMicroelectronics STPR1020CG Datasheet HTML 9Page - STMicroelectronics STPR1020CG Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
STPR1020CB/CG/CT/CF/CFP/CR
10/10
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
Ordering type
Marking
Package
Weight
Base qty
Delivery
mode
STPR1020CB
STPR1020CB
DPAK
0.3g
75
Tube
STPR1020CB-TR
STPR1020CB
DPAK
0.3g
2500
Tape & reel
STPR1020CT
STPR1020CT
TO-220AB
2.23g
50
Tube
STPR1020CF
STPR1020CF
ISOWATT220AB
2.2g
50
Tube
STPR1020CG
STPR1020CG
D
2PAK
1.48g
50
Tube
STPR1020CFP
STPR1020CFP
TO-220FP
2.0g
50
Tube
STPR1020CR
STPR1020CR
I
2PAK
1.49 g
50
Tube
s
Cooling method : by conduction (C)
s
Recommended torque value (ISOWATT220AB, TO-220FPAB): 0.55 N.m.
s
Maximum torque value (ISOWATT220AB, TO-220FPAB): 0.70 N.m.
s
Recommended torque value (TO-220AB): 0.8 N.m
s
Maximum torque value (TO-220AB): 1.0 N.m.
s
Epoxy meets UL94,V0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com