Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412ADT Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV6412ADT
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412ADT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV6412ADT Datasheet HTML 12Page - STMicroelectronics STV6412ADT Datasheet HTML 13Page - STMicroelectronics STV6412ADT Datasheet HTML 14Page - STMicroelectronics STV6412ADT Datasheet HTML 15Page - STMicroelectronics STV6412ADT Datasheet HTML 16Page - STMicroelectronics STV6412ADT Datasheet HTML 17Page - STMicroelectronics STV6412ADT Datasheet HTML 18Page - STMicroelectronics STV6412ADT Datasheet HTML 19Page - STMicroelectronics STV6412ADT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
STV6412A
16/24
Table 18. RF & Miscellaneous Control
Table 19. Slow Blanking & Inputs Control
Reg.
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
04
R/C TV Output Selection
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
Red signal selected
Chroma signal selected
RF Output: Adder control
and chroma sub-carrier filter
selection
2X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
0
1
X
X
X
X
X
X
CVBS to RF output
Y + C to RF output
Filter not active
Filter active
C_Gate Output Control
1X
X
X
X
X
X
X
X
0
1
X
X
X
X
X
X
High level
Low level
C_VCR Output Control
1X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
Tri-state mode (high impedance)
Active
Slow Blanking Mode
1X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
Normal Mode
SLB TV is driven by SLB VCR
IT Enable
10
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
No interrupt flag
IT enable
Reg.
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
05
Encoder R/Csub Clamp
1X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
Bottom level clamp
Average level clamp
VCR R/Csub Clamp
1X
X
X
X
X
X
X
X
X
X
X
X
0
1
X
X
Bottom level clamp
Average level clamp
Encoder Input Level Adjust-
ment
2X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
0
1
0
X
X
X
X
X
X
0 dB for normal audio inputs
+6 dB for weak audio inputs
+9 dB for weak audio inputs
Slow Blanking TV SCART
2X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Input mode only
Output < 2 V
Output 16/9 format
Output 4/3 format
Slow Blanking VCR SCART
20
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Input mode only
Output < 2 V
Output 16/9 format
Output 4/3 format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com