Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR1020CFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPR1020CFP
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1020CFP Datasheet(HTML) 1 Page - STMicroelectronics

  STPR1020CFP Datasheet HTML 1Page - STMicroelectronics STPR1020CFP Datasheet HTML 2Page - STMicroelectronics STPR1020CFP Datasheet HTML 3Page - STMicroelectronics STPR1020CFP Datasheet HTML 4Page - STMicroelectronics STPR1020CFP Datasheet HTML 5Page - STMicroelectronics STPR1020CFP Datasheet HTML 6Page - STMicroelectronics STPR1020CFP Datasheet HTML 7Page - STMicroelectronics STPR1020CFP Datasheet HTML 8Page - STMicroelectronics STPR1020CFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
STPR1020CB/CG/CT/CF/CFP/CR
®
August 2002- Ed: 2E
ULTRA-FAST RECOVERY RECTIFIER DIODES
s
SUITED FOR SMPS
s
LOW LOSSES
s
LOW FORWARD AND REVERSE RECOVERY
TIME
s
HIGH SURGE CURRENT CAPABILITY
s
INSULATED PACKAGES: ISOWATT220AB /
TO-220FPAB
Insulation Voltage = 2000V DC
Capacitance = 12 pF
FEATURES
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward
current
D
2PAK / TO-220AB / ISOWATT220AB /
TO-220FPAB / I
2PAK
10
A
DPAK
7A
IF(AV)
Average forward
current
δ = 0.5
D
2PAK / DPAK
TO-220AB / I
2PAK
Tc=125°C
Per diode
5A
ISOWATT220AB
Tc=115°C
Per device
10
TO-220FPAB
Tc=110°C
Per device
10
IFSM
Surge non repetitive forward current
tp=10ms sinusoidal
50
A
Tstg
Storage temperature range
-65 to+150
°C
ABSOLUTE MAXIMUM (limiting values, per diode)
A1
A2
K
TO-220AB
STPR1020CT
A1
K
A2
K
A1
A2
ISOWATT220AB
STPR1020CF
Dual center tap rectifier suited for Switched Mode
Power Supplies and high frequency DC to DC
converters.
Packaged in DPAK, D
2PAK, I2PAK, TO-220AB,
TO-220FPAB or ISOWATT220AB, this device is
intended for use in low voltage, high frequency
inverters, free wheeling and polarity protection
applications.
DESCRIPTION
IF(AV)
2x5A
VRRM
200 V
Tj (max)
150°C
VF (max)
0.99 V
trr (max)
30 ns
MAIN PRODUCTS CHARACTERISTICS
K
K
A1
A2
DPAK
STPR1020CB
K
A1
A2
D
2PAK
STPR1020CG
A1
A2
K
TO-220FPAB
STPR1020CFP
A1
A2
K
I
2PAK
STPR1020CR


Similar Part No. - STPR1020CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPR1020C STMICROELECTRONICS-STPR1020C Datasheet
45Kb / 3P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
February 1999 - Ed : 2B
STPR1020CB STMICROELECTRONICS-STPR1020CB Datasheet
45Kb / 3P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
February 1999 - Ed : 2B
logo
Inchange Semiconductor ...
STPR1020CB ISC-STPR1020CB Datasheet
276Kb / 2P
Ultrafast Recovery Diode
logo
STMicroelectronics
STPR1020CB-TR STMICROELECTRONICS-STPR1020CB-TR Datasheet
45Kb / 3P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
February 1999 - Ed : 2B
logo
Lite-On Technology Corp...
STPR1020CT LITEON-STPR1020CT Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
More results

Similar Description - STPR1020CFP

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com