Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7691BA Datasheet(PDF) 12 Page - IXYS Corporation

Part # CPC7691BA
Description  Drop-In Replacement for CPC7591
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7691BA Datasheet(HTML) 12 Page - IXYS Corporation

Back Button CPC7691BA Datasheet HTML 8Page - IXYS Corporation CPC7691BA Datasheet HTML 9Page - IXYS Corporation CPC7691BA Datasheet HTML 10Page - IXYS Corporation CPC7691BA Datasheet HTML 11Page - IXYS Corporation CPC7691BA Datasheet HTML 12Page - IXYS Corporation CPC7691BA Datasheet HTML 13Page - IXYS Corporation CPC7691BA Datasheet HTML 14Page - IXYS Corporation CPC7691BA Datasheet HTML 15Page - IXYS Corporation CPC7691BA Datasheet HTML 16Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
INTEGRATED CIRCUITS DIVISION
12
www.ixysic.com
R01
CPC7691
This monitor function performs properly if the
CPC7691 and SLIC share a common battery supply
origin. Otherwise, if battery is lost to the CPC7691 but
not to the SLIC, the VBAT pin will be internally biased
by the potential applied at the TBAT or RBAT pins via
the internal protection circuitry.
2.7 Ringing to Talk State Switch Timing
The CPC7691 provides, when switching from the
Ringing state to the Talk state, the ability to control the
release timing of the ringing switches, SW3 and SW4,
relative to the activation of the break switches, SW1
and SW2, using simple TTL logic-level inputs. The two
available techniques are referred to as
make-before-break and break-before-make. When the
switch contacts of SW1 and SW2 are closed (made)
before the switch contacts of SW3 and SW4 are
opened (broken), this is referred to as
make-before-break operation. Break-before-make
operation occurs when the contacts of SW3 and SW4
are opened (broken) before the switch contacts of
SW1 and SW2 are closed (made). With the CPC7691,
make-before-break and break-before-make operations
can easily be accomplished by applying the proper
sequence of inputs to the device.
2.7.1 Make-Before-Break Operation
To use make-before-break operation, change
INRINGING from the Ringing state directly to the Talk
state. Assertion of the Talk state opens the ringing
return switch, SW3, as the break switches, SW1 and
SW2, close. The ringing switch, SW4, remains closed
until the next zero-crossing of the ringing current.
While in the make-before-break state, ringing
potentials in excess of the CPC7691 protection
circuitry thresholds will be diverted away from the
SLIC. This operational sequence is shown below in
the Ringing to Talk Logic Sequence: Make-Before-Break.
Ringing to Talk Logic Sequence: Make-Before-Break
2.7.2 Break-Before-Make Operation
Break-before-make switch timing is performed via the
bidirectional TSD interface. As an input, TSD can
disable all of the CPC7691 switches when pulled to a
logic low. Although logically disabled, an active
(closed) ringing switch (SW4) will remain active until
the next zero crossing current event. This operational
sequence is shown below in the Ringing to Talk Logic
Sequence: Break-Before-Make.
1.
Pull TSD to a logic low to end the ringing state.
This opens the ringing return switch (SW3) and
prevents any other switches from closing.
2.
Keep TSD low for at least one-half the duration of
the ringing cycle period to allow sufficient time for
a zero crossing current event to occur and for the
circuit to enter the break-before-make state.
3.
During the TSD low period, clear the INRINGING
input for the talk state (logic low).
4.
Release TSD allowing the internal pull-up to
activate the break switches.
When using TSD as an input, the two recommended
states are “0,” which overrides the logic inputs while
forcing an All-Off state, and “Z,” which allows normal
switch control via the logic input pins. This requires the
use of an open-collector or open-drain type buffer.
State
INRINGING
Latch
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Ringing
1
0Z
-Off
On
On
Make-
Before-
Break
0
SW4 waiting for next zero-current crossing to
turn off. Maximum time is one-half of the ringing
cycle. In this transition state, current that is
limited to the DC break switch current limit value
will be sourced from the ring node of the SLIC.
On
Off
On
Talk
0
Zero-cross current has occurred
On
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com