Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD604PI Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXDD604PI
Description  4A Peak Source/Sink Drive Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD604PI Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXDD604PI Datasheet HTML 3Page - IXYS Corporation IXDD604PI Datasheet HTML 4Page - IXYS Corporation IXDD604PI Datasheet HTML 5Page - IXYS Corporation IXDD604PI Datasheet HTML 6Page - IXYS Corporation IXDD604PI Datasheet HTML 7Page - IXYS Corporation IXDD604PI Datasheet HTML 8Page - IXYS Corporation IXDD604PI Datasheet HTML 9Page - IXYS Corporation IXDD604PI Datasheet HTML 10Page - IXYS Corporation IXDD604PI Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_604
R07
www.ixysic.com
7
4
Typical Performance Characteristics
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
120
A&B Rise Times vs. Supply Voltage
(Input=0-5V, f=10kHz, T
A=25ºC)
C
L=10nF
C
L=1nF
C
L=470pF
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
120
A&B Fall Times vs. Supply Voltage
(Input=0-5V, f=10kHz, T
A=25ºC)
C
L=10nF
C
L=1nF
C
L=470pF
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
4
5
6
7
8
9
10
A&B Rise and Fall Times
vs. Temperature
(Input=0-5V, V
CC=18V, CL=1nF)
t
r
t
f
Load Capacitance (pF)
0
2000
4000
6000
8000
10000
0
20
40
60
80
100
120
A&B Rise Time vs. Load Capacitance
at Various V
CC Levels
V
CC=4.5V
V
CC=8V
V
CC=12V
V
CC=18V
V
CC=24V
V
CC=35V
Load Capacitance (pF)
0
2000
4000
6000
8000
10000
0
20
40
60
80
100
120
A&B Fall Time vs. Load Capacitance
at Various V
CC Levels
V
CC=4.5V
V
CC=8V
V
CC=12V
V
CC=18V
V
CC=24V
V
CC=35V
Supply Voltage (V)
0
5
10
15
20
25
30
35
20
40
60
80
100
120
140
160
Propagation Delay vs. Supply Voltage
(V
IN=0-5V, CL=1nF, f=1kHz)
t
offdly
t
ondly
Input Voltage (V)
246
8
10
12
20
30
40
50
60
70
Propagation Delay vs. Input Voltage
(V
CC=15V, CL=1nF)
t
ondly
t
offdly
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
20
25
30
35
40
45
50
Propagation Delay vs. Temperature
t
offdly
t
ondly
Temperature (ºC)
-40 -20
0
20
40
60
80100 120 140
1.7
1.9
2.1
2.3
2.5
2.7
2.9
Input Threshold Voltage
vs. Temperature
(V
CC=18V, CL=1nF)
Min V
IH
Max V
IL
Supply Voltage (V)
0
5
10
15
20
25
30
35
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Input Threshold vs. Supply Voltage
V
IH
V
IL
Supply Voltage (V)
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
18
20
22
Enable Threshold vs. Supply Voltage
V
ENH
V
ENL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com