Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7692BC Datasheet(PDF) 13 Page - IXYS Corporation

Part # CPC7692BC
Description  Drop-in replacement for CPC7592
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7692BC Datasheet(HTML) 13 Page - IXYS Corporation

Back Button CPC7692BC Datasheet HTML 9Page - IXYS Corporation CPC7692BC Datasheet HTML 10Page - IXYS Corporation CPC7692BC Datasheet HTML 11Page - IXYS Corporation CPC7692BC Datasheet HTML 12Page - IXYS Corporation CPC7692BC Datasheet HTML 13Page - IXYS Corporation CPC7692BC Datasheet HTML 14Page - IXYS Corporation CPC7692BC Datasheet HTML 15Page - IXYS Corporation CPC7692BC Datasheet HTML 16Page - IXYS Corporation CPC7692BC Datasheet HTML 17Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7692
R01
www.ixysic.com
13
Sequence CPC7692BA/B: Break-Before-Make” on
page 13, and “Ringing to Talk Transition Logic
Sequence for all Versions: Break-Before-Make”
on page 14. Logic states and input control settings
are provided in “CPC7692BA and CPC7692BB
Truth Table” on page 10 and “CPC7692BC Truth
Table” on page 10.
2.3.3 Make-Before-Break Operation - All Versions
To use the make-before-break operation, change the
logic inputs from the ringing state directly to the talk
state. Application of the talk state opens the ringing
return switch, SW3, as the break switches SW1 and
SW2 close. The ringing switch, SW4, remains closed
until the next zero-crossing of the ringing current.
While in the make-before-break state, ringing
potentials in excess of the CPC7692 protection
circuitry thresholds will be diverted away from the
SLIC.
Ringing to Talk Transition Logic Sequence for All Versions: Make-Before-Break
2.3.4 Break-Before-Make Operation - CPC7692BA/B
Break-before-make operation of the CPC7692BA/B
can be achieved using two different techniques.
The first method uses manipulation of the INRINGING
and INTEST logic inputs as shown in “Ringing to Talk
Transition Logic Sequence CPC7692BA/B:
Break-Before-Make” on page 13.
1.
At the end of the ringing state apply the all off
state (1,1). This releases the ringing return
switch (SW3) while the ringing switch (SW4)
remains on, waiting for the next zero current
event.
2.
Hold the all off state for at least one-half of a
ringing cycle to assure that a zero crossing event
occurs allowing SW4, the ringing switch, to open.
3.
Apply inputs for the next desired state. For the
talk state, the inputs would be (0,0).
Break-before-make operation occurs when the ringing
switches open before the break switches SW1 and
SW2 close.
Ringing to Talk Transition Logic Sequence CPC7692BA/B: Break-Before-Make
State
INRINGING
INTEST
LATCH
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0Z
-Off
On
On
Off
Make-
Before-
Break
00
SW4 waiting for next zero-current crossing to
turn off. Maximum time is one-half of the ringing
cycle. In this transition state current limited by the
DC break switch current limit value will be
sourced from the ring node of the SLIC.
On
Off
On
Off
Talk
0
0
Zero-cross current has occurred
On
Off
Off
Off
State
INRINGING
INTEST
LATCH
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0Z
-Off
On
On
Off
All-Off
1
1
Hold this state for at least one-half of the ringing
cycle. SW4 waiting for zero current to turn off.
Off
Off
On
Off
Break-
Before-
Make
11
Zero current has occurred.
SW4 has opened
Off
Off
Off
Off
Talk
0
0
Break switches close.
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com