Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD604SIA Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXDD604SIA
Description  4A Peak Source/Sink Drive Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD604SIA Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXDD604SIA Datasheet HTML 5Page - IXYS Corporation IXDD604SIA Datasheet HTML 6Page - IXYS Corporation IXDD604SIA Datasheet HTML 7Page - IXYS Corporation IXDD604SIA Datasheet HTML 8Page - IXYS Corporation IXDD604SIA Datasheet HTML 9Page - IXYS Corporation IXDD604SIA Datasheet HTML 10Page - IXYS Corporation IXDD604SIA Datasheet HTML 11Page - IXYS Corporation IXDD604SIA Datasheet HTML 12Page - IXYS Corporation IXDD604SIA Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_604
R07
www.ixysic.com
9
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
2
3
4
5
6
Output Source Current
vs. Temperature
(V
CC=18V, CL=10nF)
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
2.0
3.0
4.0
5.0
6.0
Output Sink Current
vs. Temperature
(V
CC=18V, CL=10nF)
Supply Voltage (V)
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
High State Output Resistance
vs. Supply Voltage
(I
OUT= -10mA)
Supply Voltage (V)
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Low State Output Resistance
vs. Supply Voltage
(I
OUT= +10mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com